Electronic Components Datasheet Search
  English  ▼

X  

TL402 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TL402
Description  4A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TL402 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TL402 Datasheet HTML 1Page - TAITRON Components Incorporated TL402 Datasheet HTML 2Page - TAITRON Components Incorporated TL402 Datasheet HTML 3Page - TAITRON Components Incorporated TL402 Datasheet HTML 4Page - TAITRON Components Incorporated TL402 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A/AH 2008-03-07
www.taitroncomponents.com
Page 2 of 5
4A Bridge Rectifier
TL400 – TL410/KBL005 - KBL10
Fig.2-Max. Non-repetitive Peak Forward Surge
Current per leg
Number of Cycles at 60Hz
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature (°C)
TL400
TL401
TL402
TL404
TL406
TL408
TL410
Symbol
Description
KBL005
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
Unit
Conditions
VF
Max. Instantaneous
Forward Voltage drop
per leg
1.1
V
IF=4.0A
5.0
µA
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage per
leg
1.0
mA
TA=125°C
I²t
Rating for Fusing
(t<8.3ms)
166
A²s
Note 1
RthJA
19
Note 2
RthJL
Typical Thermal
Resistance per leg
2.4
°C / W
Note 3
TJ,
TSTG
Operating Junction
and Storage
Temperature Range
-50 to +150
°C
Note: 1.Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance from junction to ambient with units mounted on 3.0 x 3.0 x 0.11” think
(75 × 75 × 3.0mm) Al. plate.
3. Thermal resistance from junction to lead with units mounted on P.C.B. at 0.375” (9.5mm)
lead length with 0.5 x 0.5” (12 x 12mm) copper pads.
Typical Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com