Electronic Components Datasheet Search
  English  ▼

X  

TL402G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TL402G
Description  4A Glass Passivated Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TL402G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TL402G Datasheet HTML 1Page - TAITRON Components Incorporated TL402G Datasheet HTML 2Page - TAITRON Components Incorporated TL402G Datasheet HTML 3Page - TAITRON Components Incorporated TL402G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-05-01
TL400G – TL410G
4A Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
4A Glass Passivated Bridge Rectifier
Features
• Glass Passivated chip junctions
• Low forward voltage drop
• High surge current capability, high reliability
• High temperature soldering guaranteed: 260˚C/10 seconds
/.375”(9.5mm) lead length at 5lbs.2.3kg tension
• RoHS Compliant
Mechanical Data
Case:
TL, molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Plated leads solderable per MIL-STD-750, Method 2026
Polarity:
As marked on body
Weight:
5.6 gram
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
TL400G
TL401G
TL402G
TL404G
TL406G
TL408G
TL410G
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Output
Current
4.0
A
TC=75°C
IFSM
Peak Forward Surge
Current
150
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
VF
Max. Instantaneous
Forward Voltage drop per
leg
1.1
V
IF=4.0A
5.0
µA
TA=25°C
IR
Peak Reverse Current at
Rated DC Blocking
Voltage
1000
µA
TA=125°C
TL


Similar Part No. - TL402G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL402G ETC2-TL402G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
More results

Similar Description - TL402G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
UR4KB60-B TSC-UR4KB60-B Datasheet
309Kb / 6P
4A, 600V - 1000V Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
TT410 DIODES-TT410 Datasheet
541Kb / 5P
4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 4
logo
Taiwan Semiconductor Co...
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
4A, 400V - 1000V Glass Passivated Bridge Rectifier
TS4K40-A TSC-TS4K40-A Datasheet
462Kb / 5P
4A, 400V - 800V Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com