Electronic Components Datasheet Search
  English  ▼

X  

FX-3 Datasheet(PDF) 1 Page - Fox Electronics

Part # FX-3
Description  MICRO MINIATURE AT STRIP CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX-3 Datasheet(HTML) 1 Page - Fox Electronics

  FX-3 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
The FX-3 "AT Strip" Crystal features miniaturization which makes
it perfect for applications requiring small size. In terms of volume,
the FX-3 is 75% smaller than the standard HC80 and is 90% smaller
than the HC49U, with the smallest footprint of any crystal package.
FEATURES
• Miniature Package
• Very Small Footprint
• Cost Effective
• Rugged Cold Weld Design
All dimensions are in millimeters.
* Other tolerances, stabilities & operating temperature ranges
available. Consult Fox Customer Service for specific
requirements, or use crystal order form on page 6.
All specifications subject to change without notice.
Rev. 01/10/00
MICRO MINIATURE "AT STRIP" CRYSTAL
FX-3
Operating Temperature & Stability
Frequency Range
3.579545 ~ 4.000
4.000+ ~ 6.000
6.000+ ~ 12.000
12.000+ ~ 66.6667
-10ºC ~ +60ºC
±50PPM
±50PPM
±30PPM
±30PPM
-20ºC ~ +70ºC
±80PPM
±70PPM
±50PPM
±40PPM
-40ºC ~ +85ºC
±150PPM
±100PPM
±80PPM
±60PPM
Frequency Range (MHz) Operating Mode
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
3rd OT
Max ESR W
200 Std. (150 ~ 200 Optional)
150 Std. (120 ~ 150 Optional)
100 Std. (80 ~ 100 Optional)
50 Std. (30 ~ 50 Optional)
100 Std. (80 ~ 100 Optional)
80 Std. (60 ~ 80 Optional)
3.579545 ~ 4 . 0 0 0
4.000+ ~ 6.000
6.000+ ~ 10.000
10.000+ ~ 32.000
30.000 ~ 36.000
36.000+ ~ 66.6667
PARAMETERS
Frequency Range
Frequency Tolerance
Frequency Stability, ref @ 25ºC
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging
UNITS
MHz
PPM
PPM
ºC
pF
pF
mW
PPM
MAX
66.6667
+50
+125
7.0
Series
0.1
+5.0
MIN
3.579545
-50
-55
10.0
-5.0
CONDITIONS
Ta = 25ºC
Customer Specified
3.579545 ~ 66.6667 MHz
Ta = 25ºC; per year
• FX-3 STANDARD SPECIFICATIONS *
See Table
See Table
NOTE: This table shows the Max. stability of the same standard part over different operating temperature ranges.
ex: The same 8.000MHz standard part would have a Max. stability of ±30PPM over -10ºC ~ +60ºC,
±50PPM over -20ºC ~ +70ºC, and ±80PPM over -40ºC ~ +85ºC.


Similar Part No. - FX-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
Digital Fiber Sensor
logo
Panasonic Semiconductor
FX-301-F PANASONIC-FX-301-F Datasheet
618Kb / 6P
Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
FX-301-F7 PANASONIC-FX-301-F7 Datasheet
618Kb / 6P
Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
logo
CML Microcircuits
FX-301L CMLMICRO-FX-301L Datasheet
997Kb / 6P
DATUM / DUAL DATUM FREQUENCY
logo
Panasonic Semiconductor
FX-301P-F PANASONIC-FX-301P-F Datasheet
618Kb / 6P
Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
More results

Similar Description - FX-3

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CSA309 RALTRON-CSA309 Datasheet
22Kb / 1P
MINIATURE AT STRIP CRYSTAL UNITS
logo
STATEK CORPORATION
CX-2 STATEK-CX-2 Datasheet
90Kb / 2P
Miniature AT-Cut Crystal
CX-1-03 STATEK-CX-1-03 Datasheet
75Kb / 2P
Miniature AT-Cut Quartz Crystal
logo
Vanlong Technology Co.,...
CX310 VANLONG-CX310 Datasheet
33Kb / 1P
Micro Miniature Cylinder Type Crystal
logo
Tyco Electronics
3SAE-3SAC MACOM-3SAE-3SAC Datasheet
284Kb / 2P
Crystal-can-Micro-miniature Relays
logo
Vanlong Technology Co.,...
CX310 VANLONG-CX310_13 Datasheet
40Kb / 1P
Micro Miniature Cylinder Type Crystal
logo
Fox Electronics
FX3 FOX-FX3 Datasheet
538Kb / 1P
MICRO MINIATURE "AT STRIP" CRYSTAL
logo
MMD Components
AN MMD-AN_13 Datasheet
169Kb / 2P
Micro Miniature Through Hole Crystal
DN MMD-DN_13 Datasheet
158Kb / 2P
Micro Miniature SM Crystal
logo
EUROQUARTZ limited
CX-1-03-AT EUROQUARTZ-CX-1-03-AT Datasheet
93Kb / 1P
Miniature AT-Cut Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com