Electronic Components Datasheet Search
  English  ▼

X  

FXO-LC53 Datasheet(PDF) 2 Page - Fox Electronics

Part # FXO-LC53
Description  LVDS 5 x 3.2mm 3.3V Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-LC53 Datasheet(HTML) 2 Page - Fox Electronics

  FXO-LC53 Datasheet HTML 1Page - Fox Electronics FXO-LC53 Datasheet HTML 2Page - Fox Electronics FXO-LC53 Datasheet HTML 3Page - Fox Electronics FXO-LC53 Datasheet HTML 4Page - Fox Electronics FXO-LC53 Datasheet HTML 5Page - Fox Electronics FXO-LC53 Datasheet HTML 6Page - Fox Electronics FXO-LC53 Datasheet HTML 7Page - Fox Electronics FXO-LC53 Datasheet HTML 8Page - Fox Electronics FXO-LC53 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FXO-LC53 Series
Page 2 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
This example, FXO-LC536R-622.08 = LVDS Output, Ceramic, 5 x 3.2mm Package, 3.3V,
±25 PPM Stability, -40 to +85°C Temperature Range, at 622.08 MHz
Model Selection Guide & Fox Part Number
7 7 0 – 6 2 2 . 0 8 – 2
The 1
st Field
Product Code #
767 = FXO–HC5
768 = FXO–HC7
770 = FXO–LC5
771 = FXO–LC7
773 = FXO–PC5
774 = FXO–PC7
The 2
nd Field
The Customer’s Frequency
The 3
rd Field
Fox Internally Generated Number
(If any specification changes,
the last digits change)
(The same specs for a different customer
also changes the last digits)
STEP #2: The Fox Customer Service team provides a customer specific Part Number
for use on their Bill Of Materials (BOM).
Fox Part Number (The assigned Fox Part Number must be on the BOM – not the above Model Description)
(This will ensure receipt of the proper part)
H = HCMOS
L = LVDS
P = LVPECL
M = LVDS (pin 2 E/D)
Q = LVPECL (pin 2 E/D)
X = HCMOS (comp 2nd Output)
0 = ± 100 PPM
5 = ± 50 PPM
6 = ± 25 PPM
8 = ± 20 PPM (-20 ~ +70°C)
5 = 5 x 3.2mm
7 = 7 x 5mm
C = Ceramic
Q = Quartz
blank = -20°C to +70°C
R = -40°C to +85°C
3 = 3.3 V
2 = 2.5 V
F X O – L C 5 3 6 R – 6 2 2 . 0 8 Frequency (in MHz)
Resolutions to 6 places
past the decimal point
STEP #1: Customer selects the Model Description and provides to Fox Customer Service
Model Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com