Electronic Components Datasheet Search
  English  ▼

X  

HC49SPX Datasheet(PDF) 1 Page - Fox Electronics

Part # HC49SPX
Description  RESISTANCE WELD LOW PROFILE CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC49SPX Datasheet(HTML) 1 Page - Fox Electronics

  HC49SPX Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
• Low Cost
• Fundamental to 50 MHz
• Tape and Reel (1,000 pcs. STD)
OPTIONS
• Tolerances to < 10 PPM
• Stabilities to < 5 PPM
• Temperatures to -40ºC ~ +85ºC
All dimensions are in millimeters.
1 Other tolerances, stabilities & operating temperature ranges available.
Consult Fox Customer Service for specific requirements.
2
Lead free solder reflow profile is not recommended for the HC49SPX
All specifications subject to change without notice. Rev.
4/04/05
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
3.200 ~ 70.000 MHz
±50 PPM
±50 PPM
-20ºC ~ +70ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.5 mW
±5 PPM
Frequency Range
Frequency Tolerance2 @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging @ 25ºC; per year
• STANDARD SPECIFICATIONS1
PARAMETERS
MAX (unless otherwise noted)
3.200 ~ 3.500
3.500+ ~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 9.000
9.000+ ~ 13.000
13.000+ ~ 20.000
20.000+ ~ 50.000
27.000 ~ 70.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
300
200
150
120
100
80
60
40
30
100
Operating Mode
Max ESR
Ω
Ω
Ω
Ω
Ω
RESISTANCE WELD LOW PROFILE CRYSTAL
MODEL: HC49SPX
2
Frequency
Stability
Operating
Temperature
-20 ~ +70 ºC
Frequency
Range (MHz)
3.200 ~ 70.000
HC49SPX
Model
Number
Part Number
448-Frequency-xxxxx
• PART NUMBER SELECTION
±50 PPM
Learn More - Internet Required
EMEA Munich, Germany +49 0 89.90936870 FAX +49 0 89.90936776 | Asia Hong Kong +852.2854.4285 FAX +852.2854.4282
© 2005 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
DISCONTINUED


Similar Part No. - HC49SPX

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
HC49S KSS-HC49S Datasheet
138Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
logo
Fox Electronics
HC49S FOX-HC49S Datasheet
42Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
logo
Vanlong Technology Co.,...
HC49S VANLONG-HC49S Datasheet
32Kb / 1P
Low Profile Resistance Weld Crystal
HC49S VANLONG-HC49S Datasheet
46Kb / 1P
Low Profile Resistance Weld Crystal
logo
IQD Frequency Products ...
HC49S IQD-HC49S Datasheet
130Kb / 1P
Quartz Crystal Specification
More results

Similar Description - HC49SPX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HHS2700F-20-SM ETC2-HHS2700F-20-SM Datasheet
47Kb / 1P
RESISTANCE WELD CRYSTAL
logo
Fox Electronics
HC49SSLF FOX-HC49SSLF Datasheet
136Kb / 1P
Resistance Weld Low Profile Crystal
logo
Vanlong Technology Co.,...
HC49L VANLONG-HC49L Datasheet
34Kb / 1P
Low Profile Resistance Weld Crystal
HC49LD VANLONG-HC49LD Datasheet
35Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49S VANLONG-HC49S Datasheet
32Kb / 1P
Low Profile Resistance Weld Crystal
HC49SD VANLONG-HC49SD Datasheet
35Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49L VANLONG-HC49L_13 Datasheet
31Kb / 1P
Low Profile Resistance Weld Crystal
HC49LD VANLONG-HC49LD_13 Datasheet
42Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49S VANLONG-HC49S_13 Datasheet
46Kb / 1P
Low Profile Resistance Weld Crystal
HC49SD VANLONG-HC49SD_13 Datasheet
42Kb / 1P
Low Profile SM Resistance Weld Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com