Electronic Components Datasheet Search
  English  ▼

X  

HC49U Datasheet(PDF) 1 Page - Fox Electronics

Part # HC49U
Description  RESISTANCE WELD THRU-HOLE CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC49U Datasheet(HTML) 1 Page - Fox Electronics

  HC49U Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
© 2003 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +001(239)693-0099 FAX +001(239)693-1554 http://www.foxonline.com
RESISTANCE WELD THRU-HOLE CRYSTAL
HC49U
1
Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements.
All specifications subject to change without notice. Rev.
02/10/03
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
1.8432 ~ 3.000 MHz
3.000+ ~ 180.000 MHz
Aging per year
1.8432 ~ 180.000 MHz
±30 PPM
±50 PPM
-20ºC ~ +70ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
2.0 mW
1.0 mW
±5 PPM
• STANDARD SPECIFICATIONS1
1.8432 ~ 2.000
2.000+ ~ 2.400
2.400+ ~ 3.000
3.000+ ~ 3.200
3.200+ ~ 3.700
3.700+ ~ 4.200
4.200+ ~ 4.900
4.900+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 8.000
8.000+ ~ 10.000
10.000+ ~ 12.500
12.500+ ~ 16.000
16.000+ ~ 40.000
23.000+ ~ 75.000
60.000 ~ 110.000
110.000 ~ 180.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
5th OT
7th OT
750
500
300
200
120
100
70
55
50
40
35
30
25
20
40
80
120
Operating Mode
Max ESR
Ω
All dimensions are in millimeters.
MAX (unless otherwise noted)
FEATURES
• Low Cost
• Stocking Standard
• High Frequency Range
• Fundamental to 40 MHz
• Resistance Weld
OPTIONS
• Tolerances to < 5 PPM
• Stabilities to < 3 PPM
• Temperatures to -40ºC ~ -85ºC
• Mylar Spacer
• Vinyl Sleeve
• Third Lead
• SMD Gullwing (HC49UW)
DISCONTINUED


Similar Part No. - HC49U

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49U AURIS-HC49U Datasheet
72Kb / 1P
Quartz THT
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
Surface Mount Crystals
logo
Vanlong Technology Co.,...
HC49U VANLONG-HC49U Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
logo
auris-GmbH
HC49U AURIS-HC49U Datasheet
63Kb / 1P
Quartz THT
logo
Vanlong Technology Co.,...
HC49U VANLONG-HC49U Datasheet
41Kb / 1P
Miniature Resistance Weld Crystal
More results

Similar Description - HC49U

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
Resistance Weld Thru-Hole Crystal
HC80U FOX-HC80U Datasheet
65Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXLF036S FOX-FOXLF036S Datasheet
161Kb / 2P
Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-036S FOX-FOXSLF-036S Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-184-20 FOX-FOXSLF-184-20 Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
C80T FOX-C80T Datasheet
146Kb / 2P
Resistance Weld Thru-Hole Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com