Electronic Components Datasheet Search
  English  ▼

X  

HC49ULF Datasheet(PDF) 2 Page - Fox Electronics

Part # HC49ULF
Description  Resistance Weld Thru-Hole Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC49ULF Datasheet(HTML) 2 Page - Fox Electronics

  HC49ULF Datasheet HTML 1Page - Fox Electronics HC49ULF Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
45
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Resistance Weld Thru-Hole Crystal
Rev. 2/27/2006
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49ULF
• HC49ULF Standard Crystals
Frequency
1.843200
2.457600
3.579545
3.686400
3.686400
4.000000
4.000000
8.000000
10.000000
11.059200
11.059200
12.000000
12.000000
16.000000
16.000000
20.000000
25.000000
CL
13pF
32pF
18pF
Series
20pF
Series
20pF
20pF
20pF
Series
20pF
Series
20pF
Series
20pF
20pF
20pF
HC49ULF Part Number
FOXLF018S
FOXLF024S
FOXLF036S
FOXLF038S
FOXLF0368-20
FOXLF040A
FOXLF040
FOXLF080-20
FOXLF100-20
FOXLF115
FOXLF115-20
FOXLF120
FOXLF120-20
FOXLF160
FOXLF160-20
FOXLF200-20
FOXLF250F-20 (Fundamental)
ESR
W Max
800
300
120
120
120
100
100
35
30
30
30
30
30
25
25
20
20
Page 2 of 2
HC49ULF
±30PPM
±50PPM
-20°C ~ +70°C
PARAMETER
Frequency Tolerance @ 25°C
Frequency Stability
Operating Temperature Range
• FOX STANDARD SPECIFICATIONS
All specifications subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com