Electronic Components Datasheet Search
  English  ▼

X  

HC49UW Datasheet(PDF) 1 Page - Fox Electronics

Part # HC49UW
Description  RESISTANCE WELD CRYSTAL(GULLWING)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC49UW Datasheet(HTML) 1 Page - Fox Electronics

  HC49UW Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
MaxESRW
40
35
30
25
20
60
40
80
120
PARAMETERS
Frequency Range
Frequency Tolerance
Frequency Stability, ref @ 25ºC
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging
UNITS
MHz
PPM
PPM
ºC
pF
pF
mW
PPM
MAX
180.000
+30
+50
+70
+85
7.0
Series
2.0
1.0
+5.0
MIN
1.8432
-30
-50
-20
-30
10.0
-5.0
Operating Mode
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Max ESR W
750
500
300
200
120
100
70
55
50
OperatingMode
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
3rd OT
5th OT
7th OT
CONDITIONS
Ta = 25ºC
Ta = -20ºC ~ +70ºC
Customer Specified
1.8432~3.000MHz
3.000+~180.000MHz
Ta = 25ºC; per year
Frequency Range (MHz)
6.000+ ~ 8.000
8.000+ ~ 10.000
10.000+ ~ 12.500
12.500+ ~ 16.000
16.000+ ~ 25.000
16.000 ~ 23.000
23.000+ ~ 65.000
60.000 ~ 110.000
110.000 ~ 180.000
RESISTANCE WELD CRYSTAL (GULLWING)
HC49UW
Frequency Range (MHz)
1.8432 ~ 2.000
2.000+ ~ 2.400
2.400+ ~ 3.000
3.000+ ~ 3.200
3.200+ ~ 3.700
3.700+ ~ 4.200
4.200+ ~ 4.900
4.900+ ~ 5.000
5.000+ ~ 6.000
The HC49UW Quartz Crystal features a rugged resistance weld
package which allows for a better aging factor than its solder seal
equivalent, HC18UW.
FEATURES
• Low Cost
• Industry Standard
• Wide Frequency Range
• ExcellentAging
• "AT" Cut Crystal
All dimensions are in millimeters.
OPTIONS
• Extended Temp. Ranges
• Tighter Tolerances/Stabilities
• HC49UW STANDARD SPECIFICATIONS *
* Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer Service for specific requirements, or use crystal order form on page 6.
All specifications subject to change without notice.
Rev. 03/02/00


Similar Part No. - HC49UW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49U AURIS-HC49U Datasheet
72Kb / 1P
Quartz THT
logo
Fox Electronics
HC49U FOX-HC49U Datasheet
61Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
Surface Mount Crystals
logo
Vanlong Technology Co.,...
HC49U VANLONG-HC49U Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
logo
auris-GmbH
HC49U AURIS-HC49U Datasheet
63Kb / 1P
Quartz THT
More results

Similar Description - HC49UW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HHS2700F-20-SM ETC2-HHS2700F-20-SM Datasheet
47Kb / 1P
RESISTANCE WELD CRYSTAL
logo
Fox Electronics
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
Resistance Weld SMD Crystal
HC49SSD FOX-HC49SSD Datasheet
71Kb / 1P
RESISTANCE WELD SMD CRYSTAL
HC80UW FOX-HC80UW Datasheet
272Kb / 1P
RESISTANCE WELD MINIATURE CRYSTAL (GULLWING)
logo
Vanlong Technology Co.,...
HC49U VANLONG-HC49U Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
UM1 VANLONG-UM1 Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
UM1J VANLONG-UM1J Datasheet
36Kb / 1P
Miniature Resistance Weld Crystal
UM5 VANLONG-UM5 Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
UM1J VANLONG-UM1J_13 Datasheet
42Kb / 1P
Miniature Resistance Weld Crystal
logo
Fox Electronics
HC49SDLF FOX-HC49SDLF_14 Datasheet
175Kb / 3P
Resistance Weld SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com