Electronic Components Datasheet Search
  English  ▼

X  

HC80UW Datasheet(PDF) 1 Page - Fox Electronics

Part # HC80UW
Description  RESISTANCE WELD MINIATURE CRYSTAL (GULLWING)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC80UW Datasheet(HTML) 1 Page - Fox Electronics

  HC80UW Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
RESISTANCE WELD MINIATURE CRYSTAL (GULLWING)
HC80UW
All dimensions are in millimeters.
UNITS
MHz
PPM
PPM
ºC
pF
pF
mW
PPM
PARAMETERS
Frequency Range
Frequency Tolerance
Frequency Stability, ref @ 25ºC
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging
CONDITIONS
Ta = 25ºC
Ta = -20ºC ~ +70ºC
Customer Specified
3.579545 ~ 200.000 MHz
Ta = 25ºC; per year
MIN
3.579545
-30
-50
-20
-40
10.0
-3.0
MAX
200.000
+30
+50
+70
+85
7.0
Series
1.0
+3.0
• HC80UW STANDARD SPECIFICATIONS *
Frequency Range (MHz)
3.579545~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 8.000
8.000+ ~ 10.000
Operating Mode
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Max ESR W
300
250
180
120
100
90
Frequency Range (MHz)
10.000+ ~ 11.000
11.000+ ~ 27.000
25.000 ~ 65.000
60.000 ~ 130.000
130.000 ~ 200.000
Operating Mode
Fundamental
Fundamental
3rd OT
5th OT
7th OT
Max ESR W
60
40
60
100
150
* Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer Service for specific requirements, or use crystal order form on page 6.
All specifications subject to change without notice. Rev. 05/03/00
The HC80UW Quartz Crystal is a miniature resistance welded
package that provides for an excellent hermetic seal and frequency
aging. This high quality crystal offers a smaller footprint in a wide
frequency range.
FEATURES
• Miniature Package
• Wide Frequency Range
• Small Footprint
• Low Profile
• Excellent Aging
Pb Free
Pb Free


Similar Part No. - HC80UW

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC80U FOX-HC80U Datasheet
65Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
More results

Similar Description - HC80UW

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49UW FOX-HC49UW Datasheet
278Kb / 1P
RESISTANCE WELD CRYSTAL(GULLWING)
logo
Vanlong Technology Co.,...
HC49U VANLONG-HC49U Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
UM1 VANLONG-UM1 Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
UM1J VANLONG-UM1J Datasheet
36Kb / 1P
Miniature Resistance Weld Crystal
UM1N VANLONG-UM1N Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
UM5 VANLONG-UM5 Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
HC49U VANLONG-HC49U_13 Datasheet
41Kb / 1P
Miniature Resistance Weld Crystal
UM1J VANLONG-UM1J_13 Datasheet
42Kb / 1P
Miniature Resistance Weld Crystal
UM1N VANLONG-UM1N_13 Datasheet
41Kb / 1P
Miniature Resistance Weld Crystal
UM5 VANLONG-UM5_13 Datasheet
40Kb / 1P
Miniature Resistance Weld Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com