Electronic Components Datasheet Search
  English  ▼

X  

KFO95AT Datasheet(PDF) 1 Page - Fox Electronics

Part # KFO95AT
Description  5.0V PLASTIC HCMOS/TTL SMD OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

KFO95AT Datasheet(HTML) 1 Page - Fox Electronics

  KFO95AT Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54 FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +001(239)693-0099 FAX +001(239)693-1554 http://www.foxonline.com
© 2003 FOX ELECTRONICS
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
INH (Pin 1)
OPEN 2
'1' Level VIH
≥ 2.2 V
'0' Level VIL
≤ 0.8 V
All dimensions are in millimeters.
FEATURES
• 5.0V Operation
• HCMOS/TTL Output
• Tri-State Enable/Disable
• Tape and Reel (1,000 pcs. STD)
5.0V PLASTIC HCMOS/TTL SMD OSCILLATOR
KFO SERIES
See page 60 for tape and reel specifications.
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
See page 30 for mechanical specifications, test circuits, and output waveform.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
All specifications subject to change without notice. Rev. 02/10/03
Frequency
Stability1
±100PPM
±100PPM
±50PPM
• MODEL NUMBER SELECTION
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
Frequency
Range (MHz)
1.500 ~ 67.000
1.500 ~ 67.000
1.500 ~ 67.000
KFO90AT
KFO90FT
KFO95AT
Model Number
1.500 ~ 67.000 MHz
-55ºC ~ +125ºC
5.0V ± 10%
27mA
45mA
60mA
45% ~ 55%
40% ~ 60%
7nS
7nS
10% VDD
90% VDD Min
16mA Min
-16mA Min
10TTL
50pF
10mS
100nS
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range
(TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
1.500 ~ 32.000 MHz
32.000+ ~ 50.000 MHz
50.000+ ~ 67.000 MHz
Output Symmetry (50% VDD)
1.500 ~ 50.000 MHz
50.000+ ~ 67.000 MHz
Rise Time (10% ~ 90% VDD) (TR)
Fall Time (90% ~ 10% VDD) (TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
TTL
HCMOS
Start-up Time
(TS)
Enable/Disable Time 2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
OPTIONS
• 3.3V Operation (KFO30AT)
Discontinued


Similar Part No. - KFO95AT

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
KFO95AT WK-KFO95AT Datasheet
57Kb / 1P
PLASTIC MOLDED SM CLOCK-OSCILLATORS
More results

Similar Description - KFO95AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
5.0V HCMOS SMD OSCILLATOR
logo
Fox Electronics
FSOLF FOX-FSOLF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
F3345 FOX-F3345 Datasheet
204Kb / 2P
5.0V, HCMOS, SMD Oscillator
F550L FOX-F550L Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
F550H FOX-F550H Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
logo
List of Unclassifed Man...
OCH ETC2-OCH Datasheet
31Kb / 1P
5X7X1.6mm / SMD / HCMOS/TTL Oscillator
logo
Fox Electronics
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
F3345-250 FOX-F3345-250 Datasheet
408Kb / 3P
5.0V, HCMOS, SMD Oscillator
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T_15 Datasheet
65Kb / 1P
5횞7 mm SMD, 5.0V, HCMOS/TTL
logo
Fox Electronics
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com