Electronic Components Datasheet Search
  English  ▼

X  

RFV250 Datasheet(PDF) 1 Page - Fox Electronics

Part # RFV250
Description  2.5V LVE-PECL VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

RFV250 Datasheet(HTML) 1 Page - Fox Electronics

  RFV250 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
79
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
FEATURES
• 2.5V Operation
• High Performance
• Complementary Output
2.5V LVE-PECL VCXO
MODEL: RFV250
OUTPUT (Pin 4, Pin 5)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
(Pin 2)
OPEN 2
'1' Level VIH
≥ 2.0V
'0' Level VIL
≤ 1.0V
All dimensions are in millimeters.
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
RFV300 Series Recommended Circuit
LV-PECL OUT
LV-PECL OUT
RFV250 Series Recommended Circuit
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration.
2 An internal pullup resistor from pin 2 to pin 6 allows active output if pin 2 is left open
All specifications subject to change without notice. Rev. 6/1/04
600.000 ~ 1250MHz
±50 PPM
-40ºC ~ +85ºC
-55ºC ~ +125ºC
2.5V ± 5%
1.25V ± 1.0V
32mA
0.5nS
0.5nS
45/55 %
0.9 V
1.3 V Min
± 10%
>10kHz
125pS
0.3pS Typ.
0.8pS Typ.
2.6pS Typ.
19pS Typ.
100nS Max
100nS Max
PARAMETERS
Frequency Range (FO)
Absolute Pull Range (APR) Vc=1.25V±1.0V
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Input Voltage
(VDD)
Control Voltage
(VC)
Input Current
(IDD)
Rise Time
(20% ~ 80% Vp-p)
Fall Time
(80% ~ 20% Vp-p)
Symmetry
(50% Vp-p)
Output Voltage
(VOL)
(VOH)
Linearity
Modulation Bandwidth
PECL Skew (50% Vp-p)
Jitter
RMS 12kHz to 20MHz
RMS 50kHz to 80MHz
RMS Period
Cycle-to-Cycle
Output Disable Time
Output Enable Time
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
PRELIMINARY
APR
Operating
Temperature
-40 ~ +85 ºC
Frequency
Range (MHz)
600.000 ~ 1250
RFV250
Model
Number
Part Number
681-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
±50 PPM
Applications Include
• SONET
• SDH
• ATM
• WAN
Discontinued


Similar Part No. - RFV250

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
RFV-100F PATLITE-RFV-100F Datasheet
743Kb / 3P
LED
Rev. G
RFV-100F-B PATLITE-RFV-100F-B Datasheet
743Kb / 3P
LED
Rev. G
RFV-100F-G PATLITE-RFV-100F-G Datasheet
743Kb / 3P
LED
Rev. G
RFV-100F-R PATLITE-RFV-100F-R Datasheet
743Kb / 3P
LED
Rev. G
RFV-100F-Y PATLITE-RFV-100F-Y Datasheet
743Kb / 3P
LED
Rev. G
More results

Similar Description - RFV250

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
PECL/LVPECL HF VCXO
logo
Golledge Electronics Lt...
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
HIGH FREQUENCY PECL VCXO
logo
Advanced XTAL Products
AXIS20 AXTAL-AXIS20 Datasheet
54Kb / 2P
PECL VCXO
2005-07-15
logo
Fox Electronics
RFX250 FOX-RFX250 Datasheet
81Kb / 1P
2.5V LVE-PECL XO
logo
Jauch Quartz Gmbh
JVE75A JAUCH-JVE75A Datasheet
194Kb / 2P
SMD PECL VCXO
JVE75B JAUCH-JVE75B Datasheet
195Kb / 2P
SMD PECL VCXO
logo
Fox Electronics
F4620 FOX-F4620 Datasheet
222Kb / 2P
LVE-PECL 7x5mm 2.5V Oscillator
logo
Nel Frequency Controls,...
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
PECL/LVPECL HF VCXO
PJ-A3670 NEL-PJ-A3670 Datasheet
99Kb / 3P
VCXO Series (PECL)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com