Electronic Components Datasheet Search
  English  ▼

X  

RFV300 Datasheet(PDF) 1 Page - Fox Electronics

Part # RFV300
Description  3.3V LV-PECL VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

RFV300 Datasheet(HTML) 1 Page - Fox Electronics

  RFV300 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
© 2004 FOX ELECTRONICS
FEATURES
• 3.3V Operation
• High Performance
• Complementary Output
3.3V LV-PECL VCXO
MODEL: RFV300
PRELIMINARY
OUTPUT (Pin 4, pin 5)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
(Pin 2)
OPEN 2
'1' Level VIH
≥ 2.0V
'0' Level VIL
≤ 1.0V
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration.
2 An internal pullup resistor from pin 2 to pin 6 allows active output if pin 2 is left open.
All specifications subject to change without notice. Rev. 6/1/04
APR 1
Operating
Temperature
-40 ~ +85 ºC
Frequency
Range (MHz)
600.000 ~ 1250
RFV300
Model
Number
Part Number
905-Frequency-xxxxx
• PART NUMBER SELECTION
±50 PPM
Learn More - Internet Required
600.000 ~ 1250MHz
±50 PPM
-40ºC ~ +85ºC
-55ºC ~ +125ºC
3.3V ± 10%
1.65V ± 1.5V
40mA
0.5nS
0.5nS
45/55 %
1.65 V
2.155 V Min
± 10%
>10kHz
125pS
0.3pS Typ.
0.8pS Typ.
2.8pS Typ.
23pS Typ.
100nS Max
100nS Max
PARAMETERS
Frequency Range (FO)
Absolute Pull Range (APR) Vc=1.65V±1.5V
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Input Voltage
(VDD)
Control Voltage
(VC)
Input Current
(IDD)
Rise Time
(20% ~ 80% Vp-p)
Fall Time
(80% ~ 20% Vp-p)
Symmetry
(50% Vp-p)
Output Voltage
(VOL)
(VOH)
Linearity
Modulation Bandwidth
PECL Skew (50% Vp-p)
Jitter
RMS 12kHz to 20MHz
RMS 50kHz to 80MHz
RMS Period
Cycle-to-Cycle
Output Disable Time
Output Enable Time
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
All dimensions are in millimeters.
RFV300 Series Recommended Circuit
RFV300 Series Recommended Circuit
LV-PECL OUT
LV-PECL OUT
Applications Include
• SONET
• SDH
• ATM
• WAN
Discontinued


Similar Part No. - RFV300

ManufacturerPart #DatasheetDescription
logo
Rohm
RFV30TG6S ROHM-RFV30TG6S Datasheet
680Kb / 9P
RFV30TG6S
More results

Similar Description - RFV300

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO54 GOLLEDGE-GVXO54 Datasheet
62Kb / 1P
3.3V VCXO Complementary LV-PECL
logo
Fox Electronics
RFX300 FOX-RFX300 Datasheet
81Kb / 1P
3.3V LV-PECL XO
logo
Kyocera Kinseki Corpota...
KC5032P-P3 KSS-KC5032P-P3 Datasheet
164Kb / 1P
LV-PECL/ 3.3V/ 5.0횞3.2mm
KC7050G-P3 KSS-KC7050G-P3 Datasheet
144Kb / 1P
LV-PECL/ 3.3V/ 7.0횞5.0mm
logo
Fox Electronics
F4600U FOX-F4600U Datasheet
575Kb / 2P
LV-PECL 3.3V Oscillator
logo
Golledge Electronics Lt...
GVXO-54 GOLLEDGE-GVXO-54_16 Datasheet
183Kb / 2P
3.3V VCXO Complementary LV-PECL
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
3.3V Complementary LV-PECL Oscillator
GVXO-34L GOLLEDGE-GVXO-34L Datasheet
572Kb / 4P
3.3V VCXO - Complementary LV-PECL Output
GVXO-54 GOLLEDGE-GVXO-54 Datasheet
578Kb / 5P
3.3V VCXO with Complementary LV-PECL Output
GVXO-E33L GOLLEDGE-GVXO-E33L Datasheet
600Kb / 6P
3.3V Complementary LV-PECL VCXO with Low Phase Jitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com