Electronic Components Datasheet Search
  English  ▼

X  

RFX250 Datasheet(PDF) 1 Page - Fox Electronics

Part # RFX250
Description  2.5V LVE-PECL XO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

RFX250 Datasheet(HTML) 1 Page - Fox Electronics

  RFX250 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
61
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
FEATURES
• 2.5V Operation
• High Performance
• Complementary Output
2.5V LVE-PECL XO
MODEL: RFX250
PRELIMINARY
OUTPUT (Pin 4, pin 5)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
(Pin 1)
OPEN 2
'1' Level VIH
≥ 2.0V
'0' Level VIL
≤ 1.0V
RFX300 Series Recommended Circuit
LV-PECL OUT
LV-PECL OUT
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
All dimensions are in millimeters.
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration.
2 An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open
All specifications subject to change without notice. Rev. 6/1/04
600.000 ~ 1250MHz
±20PPM
±25PPM
-55ºC ~ +125ºC
2.5V ± 5%
32mA
0.5nS
0.5nS
45/55 %
0.9 V
1.3 V Min
125pS
0.3pS Typ.
0.8pS Typ.
2.6pS Typ.
19pS Typ
100nS Max
100nS Max
PARAMETERS
Frequency Range (FO)
Stability
(-20 ~ +70ºC)
(-40 ~ +85ºC)
Storage Temperature Range
Input Voltage
(VDD)
Input Current
(IDD)
Rise Time
(20% ~ 80% Vp-p)
Fall Time
(80% ~ 20% Vp-p)
Symmetry
(50% Vp-p)
Output Voltage
(VOL)
(VOH)
PECL Skew (50% Vp-p)
Jitter
RMS 12kHz to 20MHz
RMS 50kHz to 80MHz
RMS Period
Cycle-to-Cycle
Output Disable Time
Output Enable Time
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
• WAN
• Gb Ethernet
Applications Include
• SONET
• SDH
• ATM
Frequency
Stability
Operating
Temperature
See table
Frequency
Range (MHz)
600.000 ~ 1250
RFX250
Model
Number
Part Number
680-Frequency-xxxxx
• PART NUMBER SELECTION
See table
Learn More - Internet Required
Discontinued


Similar Part No. - RFX250

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RFX200V101MTA16X25 MERITEK-RFX200V101MTA16X25 Datasheet
334Kb / 2P
Aluminum Electrolytic Capacitors
RFX200V101MTR16X25 MERITEK-RFX200V101MTR16X25 Datasheet
334Kb / 2P
Aluminum Electrolytic Capacitors
logo
Skyworks Solutions Inc.
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
2.4GHz High Power 802.11n WLAN Linear Power Amplifier
RFX2401C SKYWORKS-RFX2401C Datasheet
1Mb / 10P
CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
RFX2402E SKYWORKS-RFX2402E Datasheet
681Kb / 7P
CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
More results

Similar Description - RFX250

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
PECL/LVPECL UHF XO
logo
Fox Electronics
RFV250 FOX-RFV250 Datasheet
263Kb / 1P
2.5V LVE-PECL VCXO
RFX300 FOX-RFX300 Datasheet
81Kb / 1P
3.3V LV-PECL XO
F4620 FOX-F4620 Datasheet
222Kb / 2P
LVE-PECL 7x5mm 2.5V Oscillator
logo
Nel Frequency Controls,...
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
PECL/LVPECL UHF XO
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
PECL/LVPECL HF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
PECL/LVPECL UHF XO
logo
Pericom Semiconductor C...
JX321 PERICOM-JX321 Datasheet
588Kb / 2P
2.5V/3.3V CMOS XO
NX323 PERICOM-NX323 Datasheet
645Kb / 2P
2.5V/3.3V LVDS XO
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
2.5V/3.3V LVPECL XO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com