Electronic Components Datasheet Search
  English  ▼

X  

VCP35AXTR Datasheet(PDF) 1 Page - Fox Electronics

Part # VCP35AXTR
Description  3.3V SMD LV-PECL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

VCP35AXTR Datasheet(HTML) 1 Page - Fox Electronics

  VCP35AXTR Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
FEATURES
• 3.3V Operation
• LV-PECL
• Enable/Disable
• Tape and Reel (2,000 pcs. STD)
All dimensions are in millimeters.
OPTIONS
• -40ºC ~ +85ºC Option ('R' Version)
OUTPUT (Pin 4, Pin 5)
ACTIVE
High Z
ACTIVE
• ENABLE / DISABLE FUNCTION 2
(Pin 2)
OPEN
'1' Level VIH
≥ VDD-1.1V
'0' Level VIL
≤ VDD-1.6V
VCP3_AXT Series Recommended Circuit
±100PPM
±100PPM
±125PPM
Operating
Temperature
-10 ~ +70 (ºC)
-40 ~ +85 (ºC)
-10 ~ +70 (ºC)
VCP35AXT
VCP35AXTR
VCP32AXT
Model
Number
50.000 ~ 600.000 MHz
-55ºC ~ +125ºC
3.3V ± 5%
120mA
40% ~ 60%
0.55nS
0.55nS
1.7V
2.2V Min
See Recommended Circuit
10mS
100nS
10mS
±10%
20 kHz Min
-110dBc/Hz
5pS RMS
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
Output Symmetry (50% Vp-p)
Rise Time (20% ~ 80% Vp-p) (TR)
Fall Time (80% ~ 20% Vp-p) (TF)
Output Voltage
(VOL)
(VOH)
Output Load
Start-up Time
(TS)
Output Disable Time
Output Enable Time
Frequency Linearity
Modulation Bandwidth
Phase Noise (@ 10kHz)
Phase Jitter (12kHz ~ 20MHz)
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
PRELIMINARY
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, vibration and Vc = 1.65V ±1.5V.
2 An internal pulldown resistor from pin 2 to pin 3 allows active output if pin 2 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 6) and GND (Pin 3) to
minimize power supply line noise.
All specifications subject to change without notice. Rev. 3/28/05
• PART NUMBER SELECTION Learn More - Internet Required
Frequency
Range (MHz)
50.000 ~ 600.000
50.000 ~ 600.000
50.000 ~ 600.000
Part Number
626-Frequency-xxxxx
677-Frequency-xxxxx
625-Frequency-xxxxx
APR1
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
3.3V SMD LV-PECL OSCILLATOR
MODEL: VCP3_AXT SERIES
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA Munich, Germany +49 0 89.90936870 FAX +49 0 89.90936776 | Asia Hong Kong +852.2854.4285 FAX +852.2854.4282
© 2005 FOX ELECTRONICS


Similar Part No. - VCP35AXTR

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCP3003A CTS-VCP3003A Datasheet
190Kb / 5P
Frequency Translator
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
Frequency Translator
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
Frequency Translator
More results

Similar Description - VCP35AXTR

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOE71 GOLLEDGE-GXOE71 Datasheet
61Kb / 1P
3.3V Complementray LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
2.5V AND 3.3V LV-PECL Oscillator
logo
Fox Electronics
FCPAXT FOX-FCPAXT Datasheet
204Kb / 1P
3.3V, SMD, LV-PECL Oscillator
F4600 FOX-F4600 Datasheet
209Kb / 2P
LV-PECL 7x5mm 3.3V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-E72 GOLLEDGE-GXO-E72_07 Datasheet
88Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
logo
Fox Electronics
VCP65AXT FOX-VCP65AXT Datasheet
142Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
F4600U FOX-F4600U Datasheet
575Kb / 2P
LV-PECL 3.3V Oscillator
logo
Golledge Electronics Lt...
GXO-E31 GOLLEDGE-GXO-E31 Datasheet
174Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
3.3V Complementary LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_16 Datasheet
197Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com