Electronic Components Datasheet Search
  English  ▼

X  

LM3814 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3814
Description  Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3814 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3814 Datasheet HTML 6Page - National Semiconductor (TI) LM3814 Datasheet HTML 7Page - National Semiconductor (TI) LM3814 Datasheet HTML 8Page - National Semiconductor (TI) LM3814 Datasheet HTML 9Page - National Semiconductor (TI) LM3814 Datasheet HTML 10Page - National Semiconductor (TI) LM3814 Datasheet HTML 11Page - National Semiconductor (TI) LM3814 Datasheet HTML 12Page - National Semiconductor (TI) LM3814 Datasheet HTML 13Page - National Semiconductor (TI) LM3814 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product Operation
The current is sampled by the delta-sigma modulator, as
illustrated in Figure 6. The pulse density output of the delta-
sigma modulator is digitally filtered. The digital output is then
compared to the output of a digital ramp generator. This
produces a PWM output. The duty cycle of the PWM output
is proportional to the amount of current flowing. A duty cycle
of 50% indicates zero current flow. If the current is flowing in
positive direction, the duty cycle will be greater than 50%.
Conversely, the duty cycle will be less than 50% for currents
flowing in the negative direction. A duty cycle of 95.5%
(4.5%) indicates the current is at I
MAX (−IMAX). The IC can
sense currents from −I
MAX to +IMAX. Options for IMAX are 1A
or 10A. The sense current is given by:
I
SENSE = 2.2 (D−0.5)(IMAX)
where D is the duty cycle of the PWM waveform, and I
MAX is
the full scale current (1A or 10A). Similarly, the duty cycle is
given by:
D=[I
SENSE/(2.2 IMAX)] + 0.5
For quick reference, see the Conversion Tables in Table 1
and Table 2.
The user should note that, while the LM3814-7.0/
LM3815-7.0 will read 10A full scale, it is rated for 10A
operation for a duration of no more than 200 msec, and
7A operation continuously.
In this IC, the current is averaged over 6 msec time slots.
Hence, momentary current surges of less than 6 msec are
tolerated.
This is a sampled data system which requires an anti-
aliasing filter, provided by the filter capacitor.
The delta-sigma modulator converts the sensed current to
the digital domain. This allows digital filtering, and provides
immunity to current and noise spikes. This type of filtering
would be difficult or impossible to accomplish on an IC with
analog components.
When ordering, the user has to specify whether the part is
being used for low-side or high-side sense. The user also
needs to specify the full scale value. See the Ordering
Information table for details.
10101310
FIGURE 6. Functional block diagram of LM3814 and LM3815
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com