Electronic Components Datasheet Search
  English  ▼

X  

VCXO-D8RLF Datasheet(PDF) 1 Page - Fox Electronics

Part # VCXO-D8RLF
Description  3.3V, HCMOS, Thru-Hole VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

VCXO-D8RLF Datasheet(HTML) 1 Page - Fox Electronics

  VCXO-D8RLF Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +888.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2006 FOX ELECTRONICS | ISO9001:2000 Certified
OPTIONS
• Many Stability/Pullability Options
• -40ºC ~ +85ºC Option ('RLF' Version)
• 1/2 Size Version Available
FEATURES
• 3.3V Operation
• HCMOS Output
• Low Power Consumption
• Rugged Resistance Weld
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, vibration, and Vc = 1.65V.
2 Higher frequencies available on an individual inquiry basis.
All specifications subject to change without notice.
1.000 ~ 40.5002 MHz
-55ºC ~ +125ºC
3.3V ± 5%
1.65V ± 1.65V
10mA
15mA
25mA
40% ~ 60%
10nS
10nS
10% Vdd
90% Vdd Min
4.0mA Min
-1.0mA Min
15pF
10mS
±10%
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Control Voltage
(Vc)
Input Current
(Idd)
1.000 ~ 24.000 MHz
24.000+ ~ 35.000 MHz
35.000+ ~ 40.500 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (Tf)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Start-up Time
(Ts)
Frequency
Linearity
• ELECTRICAL CHARACTERISTICS
All dimensions are in millimeters.
Frequency
Stability1
±50PPM
±50PPM
±25PPM
±25PPM
±25PPM
±100PPM
±100PPM
Operating
Temperature
-10 ~ +70 (ºC)
-40 ~ +85 (ºC)
-10 ~ +70 (ºC)
-40 ~ +85 (ºC)
-10 ~ +70 (ºC)
-10 ~ +70 (ºC)
-40 ~ +85 (ºC)
Frequency
Range (MHz)
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
1.000 ~ 40.500
VCXO-D3LF
VCXO-D3RLF
VCXO-D4LF
VCXO-D4RLF
VCXO-D7LF
VCXO-D8LF
VCXO-D8RLF
Model
Number
Frequency
Pullability
±100PPM
±100PPM
±100PPM
±100PPM
±50PPM
±100PPM
±100PPM
MAX (unless otherwise noted)
Part Number
459-Frequency-xxxxx
463-Frequency-xxxxx
460-Frequency-xxxxx
671-Frequency-xxxxx
461-Frequency-xxxxx
462-Frequency-xxxxx
464-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
Learn more about:
Part Marking Identification
Internet required
3.3V, HCMOS, Thru-Hole VCXO
Rev. 9/19/2006
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: VCXO-DLF
Page 1 of 1


Similar Part No. - VCXO-D8RLF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
VCXO-D8R FOX-VCXO-D8R Datasheet
264Kb / 1P
3.3V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
More results

Similar Description - VCXO-D8RLF

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVHD-956 CRYSTEKCRYSTAL-CVHD-956 Datasheet
124Kb / 2P
HCMOS/TTL VCXO with Enable/Disable 9X14 mm SMD, 3.3V, HCMOS/TTL
logo
Fox Electronics
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
HCMOS 7 x 5mm 3.3V VCXO
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
HCMOS 5 x 3.2mm 3.3V VCXO
VCXO-CLF FOX-VCXO-CLF Datasheet
145Kb / 1P
5.0V, HCMOS, Thru-Hole VCXO
logo
EUROQUARTZ limited
EQVP-HC53 EUROQUARTZ-EQVP-HC53 Datasheet
168Kb / 1P
HCMOS 5x3.2mm 3.3V VCXO
EQVP-HC73 EUROQUARTZ-EQVP-HC73 Datasheet
167Kb / 1P
HCMOS 7x5mm 3.3V VCXO
logo
QUARTZCOM the communica...
VX6 QUARTZCOM-VX6 Datasheet
88Kb / 1P
Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
VX7 QUARTZCOM-VX7 Datasheet
82Kb / 1P
Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
logo
MMD Components
MVKH MMD-MVKH_12 Datasheet
55Kb / 1P
HCMOS VCXO
logo
Fox Electronics
FVM25AXT FOX-FVM25AXT Datasheet
36Kb / 1P
3.3V HCMOS, CERAMIC, SMD, VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com