Electronic Components Datasheet Search
  English  ▼

X  

LP2985LV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2985LV
Description  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985LV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2985LV Datasheet HTML 1Page - National Semiconductor (TI) LP2985LV Datasheet HTML 2Page - National Semiconductor (TI) LP2985LV Datasheet HTML 3Page - National Semiconductor (TI) LP2985LV Datasheet HTML 4Page - National Semiconductor (TI) LP2985LV Datasheet HTML 5Page - National Semiconductor (TI) LP2985LV Datasheet HTML 6Page - National Semiconductor (TI) LP2985LV Datasheet HTML 7Page - National Semiconductor (TI) LP2985LV Datasheet HTML 8Page - National Semiconductor (TI) LP2985LV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP2985LV
Micropower 150 mA Low-Noise Low-Dropout Regulator
in SOT-23 and micro SMD packages for Applications
with Output Voltages
≤ 2.3V
Designed for Use with Very Low ESR Output Capacitors
General Description
The LP2985LV is a 150 mA, fixed-output voltage regulator
designed to providehigh performance and low noise in ap-
plications requiring output voltages < 2.3V.
Using an optimized VIP™ (Vertically Integrated PNP) pro-
cess, the LP2985LV delivers unequalled performance in all
specifications critical to battery-powered designs:
Ground Pin Current: Typically 825 µA @ 150 mA load, and
75 µA @ 1 mA load.
Enhanced Stability: The LP2985LV is stable with output
capacitor ESR as low as 5 m
Ω, which allows the use of
ceramic capacitors on the output.
Sleep Mode: Less than 1 µA quiescent current when ON/
OFF pin is pulled low.
Smallest Possible Size: micro SMD package uses absolute
minimum board space.
Precision Output: 1% tolerance output voltages available
(A grade).
Low Noise: By adding a 10 nF bypass capacitor, output
noise can be reduced to 30 µV (typical).
Features
n
Guaranteed 150 mA output current
n
Smallest possible size (micro SMD)
n
Requires minimum external components
n
Stable with low-ESR output capacitor
n <
1 µA quiescent current when shut down
n
Low ground pin current at all loads
n
Output voltage accuracy 1% (A Grade)
n
High peak current capability
n
Wide supply voltage range (16V max)
n
Low Z
OUT: 0.3
Ω typical (10 Hz to 1 MHz)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
n
Custom voltages available
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Personal Digital Assistant (PDA)
n
Camcorder, Personal Stereo, Camera
Block Diagram
10129501
VIP™ is a trademark of National Semiconductor Corporation.
June 2004
© 2005 National Semiconductor Corporation
DS101295
www.national.com


Similar Part No. - LP2985LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985LV NSC-LP2985LV Datasheet
546Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV TI-LP2985LV Datasheet
260Kb / 15P
150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985LV-N TI-LP2985LV-N Datasheet
1Mb / 22P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
More results

Similar Description - LP2985LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
LP2985LV NSC-LP2985LV Datasheet
546Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
37136 TI-37136 Datasheet
933Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985IM5-33 TI1-LP2985IM5-33 Datasheet
1Mb / 33P
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com