Electronic Components Datasheet Search
  English  ▼

X  

RT9004 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9004
Description  300mA, Low Noise, Ultra-Fast CMOS Triple LDOs Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9004 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9004 Datasheet HTML 1Page - Richtek Technology Corporation RT9004 Datasheet HTML 2Page - Richtek Technology Corporation RT9004 Datasheet HTML 3Page - Richtek Technology Corporation RT9004 Datasheet HTML 4Page - Richtek Technology Corporation RT9004 Datasheet HTML 5Page - Richtek Technology Corporation RT9004 Datasheet HTML 6Page - Richtek Technology Corporation RT9004 Datasheet HTML 7Page - Richtek Technology Corporation RT9004 Datasheet HTML 8Page - Richtek Technology Corporation RT9004 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9004
Preliminary
4
DS9004-00 February 2008
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6.0V
Power Dissipation, PD @ TA = 25
°C
V/WDFN-10L 3x3 ---------------------------------------------------------------------------------------------------------- 0.952 W
Package Thermal Resistance (Note 4)
V/WDFN-10L 3x3,
θJA ---------------------------------------------------------------------------------------------------- 105°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 125°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Current Limit
ILIM
RLOAD = 1Ω
360
400
--
mA
Quiescent Current
IQ
VEN >= 1.2V, IOUT = 0mA
--
90
--
μA
IOUT = 200mA
--
170
--
Dropout Voltage (Note 4)
VDROP
IOUT = 300mA
--
220
--
mV
Line Regulation
ΔVLINE
VIN = (VOUT + 1V) to 5.5V,
IOUT = 1mA
--
--
0.3
%
Load Regulation
ΔVLOAD 1mA < IOUT < 300mA
--
--
0.6
%
Standby Current
ISTBY
VEN = GND, Shutdown
--
0.01
1
μA
EN Input Bias Current
IIBSD
VEN = GND or VIN
--
0
100
nA
Logic-Low Voltage
VIL
VIN = 3V to 5.5V, Shutdown
--
--
0.4
EN Threshold
Logic-High Voltage VIH
VIN = 3V to 5.5V, Start-Up
1.2
--
--
V
f = 100Hz
--
−60
--
Power Supply
Rejection Rate
f = 10kHz
PSRR
COUT = 1μF, IOUT = 100mA
--
−30
--
dB
Thermal Shutdown Temperature
TSD
--
165
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
30
--
°C
Thermal Folded Back Temperature
ΔTTFB
--
110
--
°C
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Operation Ambient Temperature Range ------------------------------------------------------------------------------
−40°C to 85°C
Operation Junction Temperature Range ------------------------------------------------------------------------------
−40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com