Electronic Components Datasheet Search
  English  ▼

X  

RT9166 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9166
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9166_08 Datasheet HTML 1Page - Richtek Technology Corporation RT9166_08 Datasheet HTML 2Page - Richtek Technology Corporation RT9166_08 Datasheet HTML 3Page - Richtek Technology Corporation RT9166_08 Datasheet HTML 4Page - Richtek Technology Corporation RT9166_08 Datasheet HTML 5Page - Richtek Technology Corporation RT9166_08 Datasheet HTML 6Page - Richtek Technology Corporation RT9166_08 Datasheet HTML 7Page - Richtek Technology Corporation RT9166_08 Datasheet HTML 8Page - Richtek Technology Corporation RT9166_08 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9166/A
2
DS9166/A-19 April 2008
www.richtek.com
Typical Application Circuit
Functional Pin Description
Function Block Diagram
Note: To prevent oscillation, a 1
μμμμμF minimum X7R or X5R dielectric is strongly recommended if ceramics are
used as input/output capacitors. When using the Y5V dielectric, the minimum value of the input/output
capacitance that can be used for stable over full operating temperature range is 3.3
μμμμμF. (see Application
Information Section for further details)
Pin Name
Pin Function
VIN
Supply Input
VOUT
Regulator Output
GND
Common Ground
VIN
GND
VOUT
RT9166/A
C
OUT
1uF
C
IN
1uF
V
IN
V
OUT
Current
Limiting
Sensor
Thermal
Shutdown
-
Error
Amplifier
1.2V
Reference
VIN
GND
VOUT
SOT-223
1
23
GND
(TAB)
VIN
VOUT
SOT-89 (L-Type)
12
3
GND
VIN
(TAB)
VOUT
23
1
GND
VIN
VOUT
TO-252
SOT-223 (L-Type)
1
2
3
GND
VIN
(TAB)
VOUT
12
3
GND
(TAB)
VIN
VOUT
SOT-89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com