Electronic Components Datasheet Search
  English  ▼

X  

RT9004DPQV Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9004DPQV
Description  300mA, Low Noise, Ultra-Fast CMOS Triple LDOs Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9004DPQV Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9004DPQV Datasheet HTML 4Page - Richtek Technology Corporation RT9004DPQV Datasheet HTML 5Page - Richtek Technology Corporation RT9004DPQV Datasheet HTML 6Page - Richtek Technology Corporation RT9004DPQV Datasheet HTML 7Page - Richtek Technology Corporation RT9004DPQV Datasheet HTML 8Page - Richtek Technology Corporation RT9004DPQV Datasheet HTML 9Page - Richtek Technology Corporation RT9004DPQV Datasheet HTML 10Page - Richtek Technology Corporation RT9004DPQV Datasheet HTML 11Page - Richtek Technology Corporation RT9004DPQV Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9004
Preliminary
9
DS9004-00 February 2008
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
with the RT9004 must be carefully selected for regulator
stability and performance. Using a capacitor whose value
is > 2.2
μF on the RT9004 input and the amount of
capacitance can be increased without limit. The input
capacitor must be located a distance of not more than
0.5 inch from the input pin of the IC and returned to a
clean analog ground. Any good quality ceramic or tantalum
can be used for this capacitor. The capacitor with larger
value and lower ESR (equivalent series resistance) provides
better PSRR and line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9004 is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 20mΩ on the
RT9004 output ensures stability. The RT9004 still works
well with output capacitor of other types due to the wide
stable ESR range. Figure 1 shows the curves of allowable
ESR range as a function of load current for various output
capacitor values. Output capacitor of larger capacitance
can reduce noise and improve load transient response,
stability, and PSRR. The output capacitor should be located
not more than 0.5 inch from the VOUT pin of the RT9004
and returned to a clean analog ground.
Enable Function
The RT9004 features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on, the
EN turn on control level must be greater than 1.2 volts.
The LDO regulator will go into the shutdown mode when
the voltage on the EN pin falls below 0.4 volts. For to
protecting the system, the RT9004 have a quick-discharge
function. If the enable function is not needed in a specific
application, it may be tied to VIN to keep the LDO
regulator in a continuously on state.
Thermal Considerations
Thermal protection limits power dissipation in RT9004.
When the operation junction temperature exceeds 165
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turn on again
after the junction temperature cools by 30
°C.
RT9004 lowers its OTP trip level from 165
°C to 110°C
when output short circuit occurs (VOUT < 0.4V) as shown
in Figure 2. This limits IC case temperature under 100
°C
and provides maximum safety to end users when output
short circuit occurs.
Figure 1
Region of Stable COUT ESR vs. Load Current
0.00
0.01
0.10
1.00
10.00
100.00
0
50
100
150
200
250
300
Load Current (mA)
COUT = 1uF
Instable
Instable
Stable
100
10
1
COUT = 1
μF, X7R
Figure 2. Short Circuit Thermal Folded Back Protection
when Output Short Circuit Occurs
V
OUT Short to GND
0.4V
V
OUT
I
OUT
TSD
OTP Trip Point
165 C
° 110 C
°
110 C
°
80 C
°
IC Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com