Electronic Components Datasheet Search
  English  ▼

X  

RT9179PB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9179PB
Description  Adjustable, 300mA LDO Regulator with Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9179PB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9179PB Datasheet HTML 1Page - Richtek Technology Corporation RT9179PB Datasheet HTML 2Page - Richtek Technology Corporation RT9179PB Datasheet HTML 3Page - Richtek Technology Corporation RT9179PB Datasheet HTML 4Page - Richtek Technology Corporation RT9179PB Datasheet HTML 5Page - Richtek Technology Corporation RT9179PB Datasheet HTML 6Page - Richtek Technology Corporation RT9179PB Datasheet HTML 7Page - Richtek Technology Corporation RT9179PB Datasheet HTML 8Page - Richtek Technology Corporation RT9179PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9179
2
DS9179-09 April 2008
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Power Input Voltage
2
GND
Ground
3
EN
Chip Enable (Active High)
4
ADJ
Adjust Output Voltage. The output voltage is set by the internal feedback resistors when
this pin grounded. If external feedback resistors are applied, the output voltage will be:
VOUT = 1.175 × (1 +
) Volts
5
VOUT
Output Voltage
2
1
R
R
Current-Limit
and
Thermal Protection
MOS
Driver
VOUT
Shutdown
and
Logic Control
VIN
Error
Amplifier
1.175V
V
REF
ADJ
EN
GND
Thermal
SHDN
+_
Typical Application Circuit
2
1
R
R
1
+
Adjustable Operation
Note: The external feedback resistors are in hundreds of OHM to hundreds of kOHM ranges.
V
OUT = 1.175 x (
) Volts
VIN
VOUT
ADJ
EN
RT9179
C2
1uF
1uF
0.1uF
R2
R1
VOUT
VIN
C1
C3
GND
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com