Electronic Components Datasheet Search
  English  ▼

X  

RX2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RX2
Description  Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RX2 Datasheet(HTML) 3 Page - Tyco Electronics

  RX2 Datasheet HTML 1Page - Tyco Electronics RX2 Datasheet HTML 2Page - Tyco Electronics RX2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. GG1
Issued 2007/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
SCHRACK
Power PCB Relay RX2 (Continued)
Product key
R X
424
Type
Version
4
8 A, pinning 5 mm, flux proof
Contact configuration
2
2 CO contacts
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Cover
Blank
standard cover (white)
C
transparent cover (clear)
Product key
Version
Contacts
Cont. material
Coil
Cover
Part number
RX424012
8 A
2 CO contacts
12 VDC
2-1415504-1
RX424012C
pinning 5mm
12 VDC
transparent
5-1415504-1
RX424024
flux proof
24 VDC
white
3-1415504-1
RX424024C
24 VDC
transparent
6-1415504-1
RX424524
24 VAC
white
5-1415532-1
RX424730
230 VAC
4-1415504-1
RX424730C
230 VAC
transparent
7-1415504-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com