Electronic Components Datasheet Search
  English  ▼

X  

RT314006 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT314006
Description  Power PCB Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT314006 Datasheet(HTML) 3 Page - Tyco Electronics

  RT314006 Datasheet HTML 1Page - Tyco Electronics RT314006 Datasheet HTML 2Page - Tyco Electronics RT314006 Datasheet HTML 3Page - Tyco Electronics RT314006 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose Relays
3
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay RT1 (Continued)
Product key
RT
Type
Version
1
1
12
2 A
A,, p
piin
nn
niin
ng
g 3
3..5
5 m
mm
m,, ffllu
ux
x p
prro
oo
off
B
12 A, pinning 3.5 mm, wash tight
2
12 A, pinning 5 mm, flux proof *)
3
1
16
6 A
A,, p
piin
nn
niin
ng
g 5
5 m
mm
m,, ffllu
ux
x p
prro
oo
off
D
16 A, pinning 5 mm, wash tight
Contact configuration
1
1 CO contact
3
1 NO contact
Contact material
4
AgNi 90/10
5
AgNi 90/10 gold plated (for type RT31.)
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Preferred types in bold print
*) Wash tight version on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
12 A, pinning 3.5 mm
1 CO contact
1 NO contact
12 A, pinning 5 mm
1 CO contact
1 NO contact
16 A, pinning 5 mm
1 CO contact
1 NO contact
S0418-CB
S0418-CN
S0418-CA
S0163-BE
S0163-BC
S0163-BG
S0163-BH
S0163-BD
S0163-BF
S0272-BB
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com