Electronic Components Datasheet Search
  English  ▼

X  

40957 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 40957
Description  Special Load PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

40957 Datasheet(HTML) 1 Page - Tyco Electronics

  40957 Datasheet HTML 1Page - Tyco Electronics 40957 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Load PCB Relay 409 57, 409 77
1 pole 16 A, for high inrush currents,
mono- or bistable
Contact data
Configuration
1 N/O contact
Type of contact
single contact
Rated current
16 A
Rated voltage / max.breaking voltage AC
250 Vac / 440 Vac
Rated voltage / max.breaking voltage DC
250 Vdc / 250 Vdc
Maximum breaking capacity AC
4000 VA
Make current (max. 4 s at duty cycle 10%)
25 A
Peak inrush current
120 A
Contact material
AgSnO2
Features
• Specifically designed to handle high inrush currents
• 1 N/O contact
• DC- or bistable version
• 4 kV / 8 mm coil-contact
Applications
Lighting controls, filament loads, motors and electrovalves
Contact ratings
Type
Load
Operations
Standard
409 57 / 77
16 A, 250 Vac, cos
ϕ=1
1.5x105
409 57 / 77
1200 W, fluorescent lamps, 100 µF
3x104
409 57 / 77
2500 W, Filament lamps
3x104
409 57 / 77
800 W, Dulux lamps, 100 µF
2x104
409 57 / 77
capacitive load 10 A, 140 µF
3x104
EN 61058-1
Coil data
monostable DC coil
bistable, 1 coil
Nominal voltage
5...110 Vdc
Nominal coil power
530 mW
Operate category
2 / b
Coil versions monostable
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
002
12
8.6
0.9
16.0
285+10%
42.1
001
24
17.3
1.8
31.0
1040+10%
22.0
007
48
34.5
3.6
62.0
4580+10%
10.5
003
60
43.2
4.5
78.0
6300+10%
9.5
005
110
79.3
7.5
142.0
20000+10%
5.5
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
F0249-A
Z (409 57 only)
Technical data of approved types on request


Similar Part No. - 40957

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4095 ETC2-4095 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
More results

Similar Description - 40957

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
logo
Tyco Electronics
RP3SL005 MACOM-RP3SL005 Datasheet
207Kb / 3P
Special Load PCB Relay RP 3 SL
RP3SL MACOM-RP3SL Datasheet
208Kb / 3P
Special Load PCB Relay
logo
Vishay Siliconix
SPW VISHAY-SPW Datasheet
89Kb / 3P
Carbon Film Resistors, Special Purpose High Frequency Load (Tubes)
06-Sep-04
logo
Omron Electronics LLC
G5PA-1 OMRON-G5PA-1 Datasheet
632Kb / 6P
Special-purpose PCB Relay
G5G1ADC18 OMRON-G5G1ADC18 Datasheet
521Kb / 3P
Special-purpose PCB Relay
logo
Hongfa Technology
HFD4-I HONGFA-HFD4-I Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
logo
TE Connectivity Ltd
RP3SL012 TEC-RP3SL012 Datasheet
286Kb / 3P
Special Load PCB Relay RP3SL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com