Electronic Components Datasheet Search
  English  ▼

X  

XT374LC4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # XT374LC4
Description  Interface Plug-in Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

XT374LC4 Datasheet(HTML) 1 Page - Tyco Electronics

  XT374LC4 Datasheet HTML 1Page - Tyco Electronics XT374LC4 Datasheet HTML 2Page - Tyco Electronics XT374LC4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Relays
1
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Interface Plug-in Relay XT
I 1 pole 16 A, 2 pole 8 A, 1 CO contact or 2 CO contacts
I DC- or AC coil, sensitive coil 400 mW
I Reinforced insulation, protection class II (VDE 0700)
I 4 kV / 8 mm coil-contact
I Manual test tab, optionally lockable1)
I Version with mechanical and/or electrical indicator
optionally available
I Suitable for use in Tyco standard RT sockets
I Recycleable packaging
I RoHS compliant (Directive 2002/95/EC)
Applications
Panel boards, mechanical engineering
F0289-A
Approvals
V REG.-Nr. B758, Z E214025
Technical data of approved types on request
Contact data
1-pole
2-pole
Contact configuration
1 CO
2 CO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
16 A
8 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
4000 VA
2000 VA
Limiting making capacity,max 4 s, df 10%
30 A
15 A
Contact material
AgNi 90/10
Mechanical endurance DC coil
> 10 x 106
AC coil
> 5 x 106
Rated frequency of operation with / without load
6 / 600 min-1
Contact ratings
Type
Load
Cycles
XT37*
16 A, 250 VAC, CO contact, 70°C, DF 50%, EN61810-1
30x103
XT48*
8 A, 250 VAC, CO contact, 70°C, DF 50%, DC coils, EN61810-1
50x103
XT48*
8 A, 250 VAC, CO contact, 70°C, DF 50%, AC coils, EN61810-1
30x103
XT31*
16 A, 250 VAC, CO contact, 70°C, DF 50%, EN61810-1
30x103
XT42*
8 A, 250 VAC, CO contact, 70°C, DF 50%, DC coils, EN61810-1
50x103
XT42*
8 A, 250 VAC, CO contact, 70°C, DF 50%, AC coils, EN61810-1
30x103
XT37*
16 A, 250 VAC, CO General Purpose 70°C, DF 50%, UL508
30x103
XT48*
8 A, 250 VAC, CO General Purpose 70°C, DF 50%, DC coils, UL508
30x103
XT48*
8 A, 250 VAC, CO General Purpose 70°C, DF 50%, AC coils, UL508
30x103
XT31*
16 A, 250 VAC, CO General Purpose 70°C, DF 50%, UL508
30x103
XT42*
8 A, 250 VAC, CO General Purpose 70°C, DF 50%, DC coils, UL508
30x103
XT42*
8 A, 250 VAC, CO General Purpose 70°C, DF 50%, AC coils, UL508
30x103
Coil data
Rated coil voltage range DC coil
6...110 VDC
AC coil
24...230 VAC
Coil power DC coil
typ 400 mW
AC coil
typ 0.75 VA
Operative range
2
Coil insulation system according UL1446
class F
1) Locking function description
If the test button is pulled out too forcefully, it may bypass the momentary testing position and go
straight into the locked position.
Delivery status is with testing possibility only, to reach locking position please remove the locking
plastic pip according drawing.


Similar Part No. - XT374LC4

ManufacturerPart #DatasheetDescription
logo
ABB
XT3 ABB-XT3 Datasheet
331Kb / 2P
Tmax XT molded case circuit breakers
logo
Token Electronics Indus...
XT3.58MB TOKEN-XT3.58MB Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
XT3.58MBP TOKEN-XT3.58MBP Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
XT3.58MJ TOKEN-XT3.58MJ Datasheet
294Kb / 3P
XT MJ Chrominance Carrier trap
More results

Similar Description - XT374LC4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7S OMRON-G7S Datasheet
888Kb / 6P
Plug-In Safety Relay
logo
American Electronic Com...
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
logo
Willow Technologies Ltd
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
micro plug-in automotive relay
logo
Schneider Electric
RPM12F7 SCHNEIDER-RPM12F7 Datasheet
140Kb / 6P
Power plug-in relay
Aug 12, 2020
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
Miniature plug-in relay
Aug 13, 2020
RXM4AB2F7 SCHNEIDER-RXM4AB2F7 Datasheet
143Kb / 6P
Miniature plug-in relay
Aug 13, 2020
RXG13BD SCHNEIDER-RXG13BD Datasheet
273Kb / 7P
Harmony, Interface plug-in relay, 10 A, 1 CO, with Harmony, Interface plug-in relay, 10 A, 1 CO, with
Aug 9, 2021
RSB1A120U7 SCHNEIDER-RSB1A120U7 Datasheet
143Kb / 6P
Harmony, Interface plug-in relay, 12 A, 1 CO, 240V AC
Aug 11, 2021
RSB1A160P7 SCHNEIDER-RSB1A160P7 Datasheet
152Kb / 6P
Harmony, Interface plug-in relay, 16 A, 1 CO, 230 V AC
Aug 11, 2021
RSB1A160RD SCHNEIDER-RSB1A160RD Datasheet
152Kb / 6P
Harmony, Interface plug-in relay, 16 A, 1 CO, 6 V DC
Aug 11, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com