Electronic Components Datasheet Search
  English  ▼

X  

TC704 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC704
Description  Kocetal TC704 is Mineral reinforced grade for good dimensional stability.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC704 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC704 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KOCETAL
® TC704
Test Method
Units
Value
Physical
Melt Index
ASTM D1238
g/10min
17~21
Specific Gravity
ASTM D792
-
1.55
Water Absorption
23℃, Equilibrium 60%RH
ASTM D570
%
0.2
Thermal
Melting Point
ASTM D1525
℃
166
Heat Deflection Temperature
ASTM D648
HDT/A
4.6kg/cm
2 ( 0.45MPa )
℃
165
HDT/A 18.6kg/cm
2 ( 1.81MPa )
℃
140
Vicat Softening Temperature
ASTM D1525
℃
162
Coeff. Of Linear Thermal Expansion
ASTM D696
x 10
-5
cm/cm·℃
5~7
Flammability
UL 94
HB
Mechanical
Tensile Strength
23℃
ASTM D638
kg/cm
2 (MPa)
630 (62)
Tensile Elongation
23℃
ASTM D638
%
10
Flexural Strength
23℃
ASTM D790
kg/cm
2 (MPa)
1200 (118)
Flexural Modulus
23℃
ASTM D790
kg/cm
2 (MPa)
32000 (3136)
Notched Izod Impact Strength
23℃
ASTM D256
kg·cm/cm (J/m)
5 (49)
Rockwell Hardness
M scale
ASTM D785
-
90
Electrical
Surface Resistivity
ASTM D257
x 10
16 Ω
1
Volume Resistivity
ASTM D257
x 10
14 Ω·m
1
Dielectric Strength
ASTM D149
kV/mm
-
Dielectric Constant
ASTM D150
-
-
Dielectric Dissiparation FactorConstan 10
6 Hz
ASTM D150
-
-
Arc Resistance
10
6 Hz
ASTM D495
sec
-
Tel. 82-2-3677-3580~9 Fax. 82-2-3677-3558
KOLON TOWER, 1-23, BYULYANG-DONG, KWACHEN-CITY KYNG GI-DO, KOREA
KOLON Industries Inc.
PRODUCT INFORMATION
The information provided in this data sheet is based on our present state of knowledge and is estimated by
KOLON. This information should not be used as guaranteeing specification limits. KOLON make no
warranty and liability in connection with any use of this information.
Mineral Reinforced Grade
Property
Kocetal TC704 is Mineral reinforced grade for good dimensional stability.


Similar Part No. - TC704

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
Cornell Dubilier Electr...
TC70 CDE-TC70 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Allen-Bradley
TC708E ALLEN-BRADLEY-TC708E Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
Cornell Dubilier Electr...
TC70A CDE-TC70A Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
TelCom Semiconductor, I...
TC70COA TELCOM-TC70COA Datasheet
89Kb / 7P
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
More results

Similar Description - TC704

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASET ABRACON-ASET Datasheet
204Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE OSCILLATOR
4.20.07
ASFLT ABRACON-ASFLT Datasheet
202Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
06.26.07
ASET ABRACON-ASET_08 Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
03.26.08
ASFLT ABRACON-ASFLT_08 Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
Revised C: 03.11.08
logo
Shoulder Electronics Li...
HDF315M1S6 SHOULDER-HDF315M1S6 Datasheet
196Kb / 8P
High stability and reliability with good performance and no adjustment.
HDF433M1S6 SHOULDER-HDF433M1S6 Datasheet
315Kb / 9P
High stability and reliability with good performance and no adjustment
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
Pentair plc. All rights...
MR-20 PENTAIR-MR-20 Datasheet
232Kb / 2P
MINERAL REDUCTION CARTRIDGE
MR-225 PENTAIR-MR-225 Datasheet
215Kb / 2P
MINERAL REDUCTION CARTRIDGE
MR-350 PENTAIR-MR-350 Datasheet
206Kb / 2P
MINERAL REDUCTION CARTRIDGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com