Electronic Components Datasheet Search
  English  ▼

X  

RTD14006 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RTD14006
Description  Power PCB Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTD14006 Datasheet(HTML) 1 Page - Tyco Electronics

  RTD14006 Datasheet HTML 1Page - Tyco Electronics RTD14006 Datasheet HTML 2Page - Tyco Electronics RTD14006 Datasheet HTML 3Page - Tyco Electronics RTD14006 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Relays
1
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay RT1
I 1 pole 12 / 16 A, 1 CO or 1 NO contact
I DC- or AC-coil
I Sensitive coil 400 mW
I 5 kV / 10 mm coil-contact, reinforced insulation
I Ambient temperature 85°C (DC-coil)
I WG version: Product in accordance to IEC60335-1
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0413
Applications
Boiler control, timers, garage door control, POS automation,
interface modules
F0144-B
Approvals
V REG.-Nr. 6106, Z E214025, b 14385, B C0786, H
98.4118.01,
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1 NO contact
Contact set
single contact
Type of interruption
micro disconnection
Rated current
12 A
16 A
Rated voltage / max.switching voltage AC
250/400 VAC
Limiting continuous current
UL: 20 A
Maximum breaking capacity AC
3000 VA
4000 VA
Limiting making capacity, max 4 s, df 10%
25 A
30 A
Contact material
AgNi 90/10, AgNi 90/10 gold plated
Mechanical endurance DC coil
> 30 x 106 cycles
AC coil
> 10 x 106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
RT314
16 A, 250 VAC, NO contact, 85°C, DF 10%, UL508
50x103
RT314
16 A, 250 VAC, NC contact, 70°C, 30min-1
53x103
RT314
20 A, 250 VAC, NO contact, 85°C, UL508
6x103
RT314
1000 W incandescent lamp, 250 VAC
1.2x103
RT314
10 A, 250 VAC, cos
ϕ=0.6, CO contact, 70°C
200x103
RT314
5 A / 2 A, 250 VAC, cos
ϕ=1, motor, NO contact, 10min-1, 70°C
1.1x106
RT314
0.26 A / 0.01 A, 230 VAC, cos
ϕ=0.38, valve, NO contact, 25min-1
7.6x106
RT314
Pilot duty A300 (NO contact), B300 (CO/NC contact), UL508
RT314
1hp @ 240 VAC, 1/2hp @ 120 VAC, NO contact, UL508
RT314
AC15, 6 A, 250 VAC, NO and NC contact, 85°C, EN60947-5-1
RT314
DC13, 2 A / 24 VDC, 0.2 A / 250 VDC, NO and NC contact, 85°C, EN60947-5-1
Coil data
Rated coil voltage range DC coil
5...110 VDC
AC coil
24...230 VAC
Coil power DC coil
typ 400 mW
AC coil
typ 0.75 VA
Operative range
2
Coil insulation system according UL1446
class F


Similar Part No. - RTD14006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RTD14006 MACOM-RTD14006 Datasheet
243Kb / 4P
Power PCB Relay RT1
RTD14006 MACOM-RTD14006 Datasheet
589Kb / 3P
Power PCB Relay RT1 1 pole 12 / 16 A, DC- or AC-coil
logo
TE Connectivity Ltd
RTD14006 TEC-RTD14006 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RTD14006R TEC-RTD14006R Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RTD14006WG TEC-RTD14006WG Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results

Similar Description - RTD14006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com