Electronic Components Datasheet Search
  English  ▼

X  

RTD14015 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RTD14015
Description  Power PCB Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTD14015 Datasheet(HTML) 2 Page - Tyco Electronics

  RTD14015 Datasheet HTML 1Page - Tyco Electronics RTD14015 Datasheet HTML 2Page - Tyco Electronics RTD14015 Datasheet HTML 3Page - Tyco Electronics RTD14015 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General Purpose Relays
2
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay RT1 (Continued)
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.5
0.5
62+10%
403
006
6
4.2
0.6
90+10%
400
009
9
6.3
0.9
200+10%
400
012
12
8.4
1.2
360+10%
400
024
24
16.8
2.4
1440+10%
400
048
48
33.6
4.8
5520+10%
417
060
60
42.0
6.0
8570+12%
420
110
110
77.0
11.0
28800+12%
420
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Coil versions, AC-coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50 Hz
50 Hz
50 Hz
VAC
VAC
VAC
Ohm
VA
524
24
18.0
3.6
350+10%
0.76
615
115
86.3
17.3
8100+15%
0.76
620
120
90.0
18.0
8800+15%
0.75
700
200
150.0
30.0
24350+15%
0.76
730
230
172.5
34.5
32500+15%
0.74
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree 12 A version
3
3
16 A version
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Flammability class according to UL94
V-0
For WG version: GWFI to IEC 60335-1 (IEC 60695-2-12)
> 850 °C
GWIT to IEC 60335-1 (IEC 60695-2-13)
> 755 °C
Ambient temperature range DC coil
-40...+85°C
AC coil
-40...+70°C
Operate- / release time DC coil
typ 7 / 3 ms
Bounce time DC coil, NO / NC contact
typ 1 / 3 ms
Vibration resistance (function), NO / NC contact
20 / 5 g, 30 ... 500 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof, RTIII - wash tight
Mounting
pcb or on socket
Mounting position
any
Mounting distance DC / AC coils
0 / 2.5 mm
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5 s
Relay weight
14 g
Packaging unit
20 / 500 pcs
Accessories
For details see datasheet
Accessories Power Relay RT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com