Electronic Components Datasheet Search
  English  ▼

X  

RY611024 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RY611024
Description  Miniature Power PCB RY II & RY II reflow-solderable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RY611024 Datasheet(HTML) 3 Page - Tyco Electronics

  RY611024 Datasheet HTML 1Page - Tyco Electronics RY611024 Datasheet HTML 2Page - Tyco Electronics RY611024 Datasheet HTML 3Page - Tyco Electronics RY611024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose Relays
3
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB RY II & RY II reflow-solderable (Continued)
Product key
RY
Type
Version
2
pinning 3.2 mm, flux proof
6
pinning 3.2 mm, wash tight **)
5
pinning 5 mm, flux proof
A
pinning 5 mm, wash tight **)
Contact configuration
1
1 CO contact, pinning 3.2 mm
3
1 NO contact, pinning 5 mm
Contact material
0
AgCdO
2
AgNi 0.15 gold plated
1
AgNi 0.15
3
AgSnO2
Coil
Coil code: please refer to coil versions table
Version
Blank
standard version
R
reflow-solderable
**) not as reflow-solderable version
Other types on request
Soldering profile for reflow-solderable version



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com