Electronic Components Datasheet Search
  English  ▼

X  

RY612005 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RY612005
Description  Miniature Power PCB RY II & RY II reflow-solderable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RY612005 Datasheet(HTML) 1 Page - Tyco Electronics

  RY612005 Datasheet HTML 1Page - Tyco Electronics RY612005 Datasheet HTML 2Page - Tyco Electronics RY612005 Datasheet HTML 3Page - Tyco Electronics RY612005 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Relays
1
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB RY II & RY II reflow-solderable
I 1 pole 8 A, 1 CO or 1 NO or 1 NC contact
I Low component height 12.3 mm
I 5 kV / 8 mm coil-contact
I Reinforced insulation (protection class II)
I Pinnings: 3.2 and 5 mm
I reflow-solderable version
I Sockets with PCB-type terminals
I Especially suitable for resistive and inductive loads on NO and NC contacts
I Plastic materials according to IEC60335-1 (domestic appliances)
(not at reflow-solderable version)
I RoHS compliant (Directive 2002/95/EC) as per product date code 0403
Applications: heating control, interface technology, domestic appliances, timers,
temperature control
Approvals
V REG.-Nr. 5358, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1NO or 1NC
Contact set
single contact
Type of interruption
micro disconnection
Rated current
8 A
Rated voltage / max. switching voltage AC
250/400 VAC
Maximum breaking capacity AC
2000 VA
Contact material
AgNi0,15, AgSnO2, AgCdO
Mechanical endurance
30x106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
RY**1***
NO, 8 A, 250 VAC, resistive, 70°C
1x105
RY**1***
NC, 8 A, 250 VAC, resistive, 70°C
5x104
RY**(0,1,2)***
8 A, 30 VDC, UL 508
3 x104
RY**(0,1,2)***
0,28 A, 250 VDC, UL 508
3 x104
RY**(0,1,2)***
1/2 HP, 240 VDC, UL 508
RY**(0,1,2)***
1/4 HP, 120 VDC, UL 508
RY**(0)***
8 A, 415 VAC, resistive, UL 508
6 x10
3
RY**(0,1,2)***
Pilot duty - B300, UL 508
6000
RY*** ***
CO, 8 A, 250 VAC, resistive, 70°C
5x10
3
RY**1 ***
6(4)A, 250 VAC, 85°C, EN60730
1x105
Coil data
Rated coil voltage range DC coil
5...60 VDC
Coil power DC coil
typ. 220 mW
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3,5
0,5
112+10%
223
006
6
4,2
0,6
162+10%
222
009
9
6,3
0,9
320+10%
253
012
12
8,4
1,2
627+10%
230
024
24
16,8
2,4
2350+10%
245
048
48
33,6
4,8
9391+10%
245
060
60
42,0
6,0
14000+10%
257
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
F0142-F


Similar Part No. - RY612005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RY612005 MACOM-RY612005 Datasheet
460Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
RY612005 MACOM-RY612005 Datasheet
411Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
logo
TE Connectivity Ltd
RY612005 TEC-RY612005 Datasheet
411Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
More results

Similar Description - RY612005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RY210005 MACOM-RY210005_05 Datasheet
177Kb / 3P
Miniature Power PCB Relay RY II
2-1393224-4 MACOM-2-1393224-4 Datasheet
517Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-6 MACOM-2-1393224-6 Datasheet
517Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-2 MACOM-2-1393225-2 Datasheet
517Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-6 MACOM-2-1393225-6 Datasheet
517Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-9 MACOM-2-1393225-9 Datasheet
517Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
RY611012R MACOM-RY611012R Datasheet
460Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
1-1393225-0 MACOM-1-1393225-0 Datasheet
411Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
logo
TE Connectivity Ltd
RYII TEC-RYII Datasheet
411Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
logo
IDEC Corporation
RY42S-UDC24V IDEC-RY42S-UDC24V Datasheet
2Mb / 11P
RY/RM Series Miniature Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com