Electronic Components Datasheet Search
  English  ▼

X  

MT2011 Datasheet(PDF) 2 Page - Microtune,Inc

Part # MT2011
Description  SINGLE-CHIP BROADBAND TUNER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT2011 Datasheet(HTML) 2 Page - Microtune,Inc

  MT2011 Datasheet HTML 1Page - Microtune,Inc MT2011 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MT2011 SINGLE-CHIP BROADBAND TUNER
PRODUCT BRIEF
MT2011PB-00070 — Rev 1.0
January 2008
Microtune, Inc., 2201 10th Street, Plano, TX 75074, USA
Tel: +1-972-673-1600, Fax: +1-972-673-1602, E-mail: sales@microtune.com, Web site: www.microtune.com
For a detailed list of office locations, sales offices, and sales representatives, visit our web site at www.microtune.com
Microtune believes that the information in this document is accurate and reliable, as of the date of this document. Microtune assumes no responsibility for any consequences arising from the use of this
information, nor from any infringement of patents or the rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or other rights of Microtune. The
information in this publication replaces and supersedes all information previously supplied, and is subject to change without notice. The customer is responsible for assuring that proper design and operating
safeguards are observed to minimize inherent and procedural hazards. Microtune assumes no responsibility for applications assistance or customer product design.
The devices described in this document are not authorized for use in medical, life-support equipment, or any other application involving a potential risk of severe property or environmental damage, personal
injury, or death without prior express written approval of Microtune. Any such use is understood to be entirely at the user’s risk.
Microtune is a registered trademark of Microtune, Inc. MicroTuner, MicroStreamer, VideoCaster, DataCaster, ClearTune, and the Microtune logo are trademarks of Microtune, Inc. All other trademarks belong to
their respective companies.
Microtune’s products are protected by one or more of the following U.S. patents: 5,625,325; 5,648,744; 5,717,730; 5,737,035; 5,739,730; 5,805,988; 5,847,612; 6,100,761; 6,104,242; 6,163,684; 6,169,569;
6,172,378; 6,177,964; 6,211,745; 6,218,899; 6,268,778; 6,310,387; 6,323,736; 6,355,537; 6,429,502; 6,462,327; 6,535,068; 6,580,313; 6,608,522; 6,631,257; 6,714,776; 6,725,463; 6,744,308; 6,771,124;
6,784,945; 6,804,099; 6,888,406; 6,891,435; 6,906,594; 6,909,886; 6,919,774; 6,920,182; 6,922,556; 6,963,478; 6,973,288; 6,993,310; 7,035,614; 7,078,960; 7,079,195; 7,164,899; 7,171,176; 7,184,724;
7,190,942; 7,190,943; D469,742 and additional patents pending or filed.
Entire contents Copyright © 1996 - 2008 Microtune, Inc.
062007
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
Input frequency range
48
1000
MHz
Second intermediate center
frequency (programmable)
30
57
MHz
Supply voltage, +3.3 V
3.15
3.3
3.45
V
Supply voltage, +5 V
4.75
5.0
5.25
V
Supply voltage ripple
15
mVp-p
Operating junction temperature
125
°C
VGA differential output load
impedance
300
Ω
Serial control clock
400
kHz
DNC differential load impedance
800
Ω
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN
MAX
UNIT
Supply voltage, +3.3 V
3.6
V
Supply voltage, +5 V
6
V
Storage temperature range
-50
+150
°C
Lead Free solder temperature
(5 seconds, 3 reps.)
+260
°C
TUNER ELECTRICAL CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
Power Supply
Active current, 3.3 V
82
mA
Active current, 5 V
270
mA
RF Signal Path
Input frequency range
48
1000
MHz
Noise figure (DNC Out)
10.5
dB
Terminal voltage gain
(DNC Out)
39
dB
RF AGC range (0 to 3.3 V)1
30
dB
Image rejection
75
dBc
LO phase noise (1 kHz)
-75
dBc/Hz
LO phase noise (10 kHz)
-85
dBc/Hz
LO phase noise (100 kHz)
48 MHz to 860 MHz
-105
dBc/Hz
LO phase noise (100 kHz)
860 MHz to 1000 MHz
-104
dBc/Hz
LO step size
2
kHz
IF VGA
Frequency range
30
57
MHz
Output voltage swing
1.0
Vp-p
Terminal voltage gain,
VGACTRL = 0.7 to 3.3 V
<12.5
>51.5
dB
IF AGC range
39
Db
FDC
Frequency Range
70
130
MHz
Gain
1
dB
Noise Figure
12
dB
1Note: With Microtune attenuator design
MT2011 Block Diagram
MT2011 Pin Diagram
48-1000 MHz In
PLL
PLL
OOB
Tuner
PIN Diode
Atten
Loop
Filter
Loop
Filter
Charge
Pump
Charge
Pump
3-bit
AD
GPO
Serial
Bus
DNC Output
VGA Output
2nd IF Saw
1st IF Saw
FDC
VGACTRL
AGCCTRL
PIN Diode
Controller
AFC In/Temp
Out
Die Temp
Sensor
Buffered
Reference
Output
Input Balun
Clock
Data
RFinp
GND
GND
NC
FDCin
FDCVcc
FDCout
LO1tcm1
LO1tcm2
LO1reg
VCCLO1
LO1LPF
GPO
A0
29
VGACTRL
30
VGAINn
31
VGAINp
32
AFCin
33
GND
34
LO2LPF
35
VCCLO2
36
LO2reg
37
LO2tcm
38
IFVCC
40
DNCOUTp
41
PINSe
42
PINSh
DNCOUTn
Exposed die paddle
on package bottom
39
1
14
13
12
11
10
9
8
7
6
5
4
3
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com