Electronic Components Datasheet Search
  English  ▼

X  

RT9187 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9187
Description  1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9187 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9187 Datasheet HTML 1Page - Richtek Technology Corporation RT9187 Datasheet HTML 2Page - Richtek Technology Corporation RT9187 Datasheet HTML 3Page - Richtek Technology Corporation RT9187 Datasheet HTML 4Page - Richtek Technology Corporation RT9187 Datasheet HTML 5Page - Richtek Technology Corporation RT9187 Datasheet HTML 6Page - Richtek Technology Corporation RT9187 Datasheet HTML 7Page - Richtek Technology Corporation RT9187 Datasheet HTML 8Page - Richtek Technology Corporation RT9187 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9187
2
DS9187-09 April 2008
www.richtek.com
Typical Application Circuit
Function Pin Description
Figure 2. Adjustable Operation
Figure 1. Fixed Operation
Note: The value of R2 should be less than 80k to
maintain regulation.
Pin No.
Fixed Output
Voltage
Adjustable
Output Voltage
Pin
Name
Pin Function
1
1
VIN
Supply Input.
2
2
VIN
Supply Input.
3
3
VOUT
Regulator Output.
4
4
VOUT
Regulator Output.
5
--
BP
Noise Reduction. Connecting a 10nF capacitor to GND to reduce
output noise.
--
5
ADJ
If external feedback resistors are applied, the output voltage will be:
VOUT = 0.8 × (1+
) Volts
6
6
GND
Ground
7
7
NC
No Internal Connection.
8
8
EN
Enable Input Logic, Active High. W hen the EN goes to a logic low, the
device is in shutdown mode.
Exposed Pad (9)
NC
No Internal Connection. The exposed pad must be soldered to a
large PCB and connected to GND for maximum power dissipation.
2
1
R
R
2
1
R
R
1
+
V
OUT = 0.8 x (
) Volts
VIN
GND
VOUT
RT9187
C
OUT
2.2uF
2.2uF
BP
10nF
EN
C
IN
C
BP
V
IN
V
OUT
Chip Enable
VIN
GND
VOUT
RT9187
C
OUT
2.2uF
2.2uF
ADJ
EN
C
IN
V
IN
V
OUT
R1
R2
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com