Electronic Components Datasheet Search
  English  ▼

X  

TIL311 Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TIL311
Description  HEXADECIMAL DISPLAY WITH LOGIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TIL311 Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TIL311 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TIL311
HEXADECIMAL DISPLAY WITH LOGIC
TAOS058 − OCTOBER 2007
5
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
PRINCIPLES OF OPERATION
TTL-level four-bit binary data is applied to Latch Data Inputs A through D. As long as the Latch Strobe Input is
low, latch output follows the input data. Latch output data is decoded and sent to the display LEDs to form the
corresponding characters. When the Latch Strobe Input goes high, input data is stored in the latch and the
display does not change.
The resulting character displays for the values of the binary data in the latch are shown in Figure 4.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Figure 4. Display Character Configurations
While the Blanking Input is held low, the display shows the character corresponding to the data at the latch
output. When the Blanking Input goes high, drive to the character display LEDs is removed and the display is
blanked (except for the decimal points, which are independent and externally driven). Data in the latch and
operation of the device logic elements are not affected by blanking the display. A repetitive variable-width pulse
can be applied to the Blanking Input to adjust the apparent brightness of the display.
The LED driver outputs are designed to maintain a relatively constant on-level current of approximately 5 mA
through each LED that forms the hexadecimal character. This current is virtually independent of the LED supply
voltage within the recommended operating conditions. Drive current varies slightly with changes in the logic
supply voltage, resulting in a change in luminous intensity as shown in Figure 2. This change is not noticeable
to the eye.
The decimal point anodes are connected to the LED supply; the cathodes are connected to external pins. Since
there is no current limiting built into the decimal point circuits, current limiting must be provided externally if the
decimal points are used.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com