Electronic Components Datasheet Search
  English  ▼

X  

RM735730 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RM735730
Description  Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM735730 Datasheet(HTML) 2 Page - Tyco Electronics

  RM735730 Datasheet HTML 1Page - Tyco Electronics RM735730 Datasheet HTML 2Page - Tyco Electronics RM735730 Datasheet HTML 3Page - Tyco Electronics RM735730 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Rev. GB1
Issued 2007/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power Relay RM 2/3/7 (Continued)
PCB layout / terminal assignment
Bottom view on pins
3 CO contacts
2 CO contacts
S0269-AA
S0269-AB
S0269-AD
221 N21 2C1
NC1
220
165.0
22.0
40000+15%
1.2
Coil versions, DC-coil, RM7
Coil code
Rated
Operate
Release
Coil
Rated coil
STD LED PD*
LED+
voltage
voltage
voltage
resistance
power
bipolar
PD*
VDC
VDC
VDC
Ohm
W
006 L06 0A6
LA6
6
4.5
0.6
24+10%
1.5
012 L12 0B2
LB2
12
9.0
1.2
86+10%
1.7
024 L24 0C4
LC4
24
18.0
2.4
345+
+10%
1.7
048 L48 0E8
LE8
48
36.0
4.8
1340+10%
1.7
060 L60 0G0
LG0
60
45.0
6.0
2200+10%
1.6
110 M10 1B0
MB0
110
82.5
11.0
7300+10%
1.7
221 N21 2C1
NC1
220
165.0
22.0
30000+15%
1.6
All figures are given for coil without preenergization, at ambient temperature +23°C
*) Protection diode PD; standard polarity: +A1 / -A2
Coil versions, AC-coil 50/60 Hz
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ohm
VA
Coil versions, AC-coil, RM2, RM3
506
R06
6
4.8
2.4
5.3+10%
2.29/1.98
512
R12
12
9.6
4.8
24+10%
2.19/1.86
524
R24
24
19.2
9.6
86+
+10%
2.26/1.95
548
R48
48
38.4
19.2
345+10%
2.28/1.97
560
R60
60
48.0
24.0
544+10%
2.27/1.96
615
S15
115
92.0
46.0
2000+10%
2.37/2.00
730
T30
230
184.0
92.0
8300+
+12%
2.32/1.96
900
V00
400
320.0
160.0
27500+15%
2.31/1.96
Coil versions, AC-coil, RM7
506
R06
6
4.8
2.4
4.7+10%
2.86/2.36
512
R12
12
9.6
4.8
19.5+10%
2.71/2.27
524
R24
24
19.2
9.6
80+
+10%
2.62/2.00
548
R48
48
38.4
19.2
320+10%
2.60/2.17
560
R60
60
48.0
24.0
500+10%
2.62/2.20
615
S15
115
92.0
46.0
1850+10%
2.65/2.22
730
T30
230
184.0
92.0
7500+
+10%
2.69/2.26
900
V00
400
320.0
160.0
23500+15%
2.61/2.20
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 4.0/14.9 mm
adjacent contact circuits
W 6.1/7.3 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
240/400 V
Overvoltage category
III
Other data
RM2
RM3
RM7
RoHS - Directive 2002/95/EC
compliant as per product date code 0415
Ambient temperature range DC coil
-45...+70°C
-45...+60°C
-45...+60°C
AC coil
-45...+55°C
-45...+55°C
-45...+50°C
Operate- / release time
15/10 ms
Bounce time NO / NC contact
3 ms
Vibration resistance (function) NO / NC contact
5/2 g
5/2 g
12/4 g
Category of protection
RTI - dust protected
Resistance to soldering heat
270°C / 10 s
Relay weight
81 g
Packaging unit
10/25 pcs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com