Electronic Components Datasheet Search
  English  ▼

X  

STGP19NC60S Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP19NC60S
Description  N-channel 600V - 20A - TO-220 Medium frequency PowerMESH IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60S Datasheet(HTML) 5 Page - STMicroelectronics

  STGP19NC60S Datasheet HTML 1Page - STMicroelectronics STGP19NC60S Datasheet HTML 2Page - STMicroelectronics STGP19NC60S Datasheet HTML 3Page - STMicroelectronics STGP19NC60S Datasheet HTML 4Page - STMicroelectronics STGP19NC60S Datasheet HTML 5Page - STMicroelectronics STGP19NC60S Datasheet HTML 6Page - STMicroelectronics STGP19NC60S Datasheet HTML 7Page - STMicroelectronics STGP19NC60S Datasheet HTML 8Page - STMicroelectronics STGP19NC60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STGP19NC60S
Electrical characteristics
5/14
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Figure 18
17.5
6.2
1870
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 18
17
6.5
1700
ns
ns
A/µs
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Figure 18
90
175
215
ns
ns
ns
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 18
155
245
290
ns
ns
ns
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
Eoff
(1)
Ets
1.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Figure 16
135
815
995
µJ
µJ
µJ
Eon
Eoff
(1)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 16
200
1175
1375
µJ
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com