Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021B-SC Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT45DB021B-SC
Description  2-megabit 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-SC Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT45DB021B-SC Datasheet HTML 25Page - ATMEL Corporation AT45DB021B-SC Datasheet HTML 26Page - ATMEL Corporation AT45DB021B-SC Datasheet HTML 27Page - ATMEL Corporation AT45DB021B-SC Datasheet HTML 28Page - ATMEL Corporation AT45DB021B-SC Datasheet HTML 29Page - ATMEL Corporation AT45DB021B-SC Datasheet HTML 30Page - ATMEL Corporation AT45DB021B-SC Datasheet HTML 31Page - ATMEL Corporation AT45DB021B-SC Datasheet HTML 32Page - ATMEL Corporation AT45DB021B-SC Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
30
AT45DB021B
1937F–DFLSH–10/02
28R – SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28R, 28-lead, 0.330" Body, Plastic Gull Wing Small Outline (SOIC)
A
28R
04/11/01
Dimensions in Millimeters and (Inches).
Controlling dimension: Inches.
0.508(0.020)
0.356(0.014)
8.79(0.346)
8.59(0.338)
12.50(0.494)
11.70(0.460)
1.27(0.050) BSC
18.50(0.728)
18.00(0.708)
2.79(0.110)
2.39(0.094)
0.305(0.012)
0.203(0.008)
1.27(0.050)
0.94(0.037)
0.014(0.356)
0.002(0.051)
0º ~ 8º
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com