Electronic Components Datasheet Search
  English  ▼

X  

NEPE510AS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NEPE510AS
Description  BLUISH-GREEN LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NEPE510AS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NEPE510AS Datasheet HTML 1Page - NICHIA CORPORATION NEPE510AS Datasheet HTML 2Page - NICHIA CORPORATION NEPE510AS Datasheet HTML 3Page - NICHIA CORPORATION NEPE510AS Datasheet HTML 4Page - NICHIA CORPORATION NEPE510AS Datasheet HTML 5Page - NICHIA CORPORATION NEPE510AS Datasheet HTML 6Page - NICHIA CORPORATION NEPE510AS Datasheet HTML 7Page - NICHIA CORPORATION NEPE510AS Datasheet HTML 8Page - NICHIA CORPORATION NEPE510AS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia STSE-CE6032A
<Cat.No.060421>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
15
mA
Pulse Forward Current
IFP
50
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
60
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C for 10sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=7[mA]
-
(3.4)
3.9
V
Reverse Current
IR
VR=5[V]
-
-
50
µA
Luminous Intensity
Rank ID
Iv
IF=7[mA]
1150
(2800)
-
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Rank
(IF=7mA,Ta=25°C)
Rank ID
x
0.04
0.04
0.14
0.14
y
0.39
0.65
0.65
0.39
Color Coordinates Measurement allowance is ± 0.012.
Average Value by Shipment Lot
(IF=7mA,Ta=25°C)
Item
Symbol
Average Control
x
Color Coordinates
(Average)
y
( x, y ) conforms to
the ITE green color requirement.
Luminous Intensity
(Average)
Iv
Iv > 2300mcd.
2.INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin
Leadframe
:
Ag plating Iron
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com