Electronic Components Datasheet Search
  English  ▼

X  

NSSU100AT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSSU100AT
Description  TYPE UV LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSU100AT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSSU100AT Datasheet HTML 1Page - NICHIA CORPORATION NSSU100AT Datasheet HTML 2Page - NICHIA CORPORATION NSSU100AT Datasheet HTML 3Page - NICHIA CORPORATION NSSU100AT Datasheet HTML 4Page - NICHIA CORPORATION NSSU100AT Datasheet HTML 5Page - NICHIA CORPORATION NSSU100AT Datasheet HTML 6Page - NICHIA CORPORATION NSSU100AT Datasheet HTML 7Page - NICHIA CORPORATION NSSU100AT Datasheet HTML 8Page - NICHIA CORPORATION NSSU100AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
-1-
Nichia
STSE-CC7051A
<Cat.No.070418>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
25
mA
Pulse Forward Current
IFP
80
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
100
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
(3.6)
4.0
V
Peak Wavelength
Rank Ua
λP
IF=20[mA]
360
(365)
370
nm
Spectrum Half Width
λ
IF=20[mA]
-
(15)
-
nm
Rank 4
Po
IF=20[mA]
1700
-
2400
µW
Rank 5
Po
IF=20[mA]
2400
-
3400
µW
Optical Power Output
Rank 6
Po
IF=20[mA]
3400
-
4800
µW
Optical Power Output Measurement allowance is ±10%.
Peak Wavelength Measurement allowance is ±3nm.
One delivery will include up to three different ranks of the products.
The quantity-ratio of the three ranks is decided by Nichia.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Package
:
Ceramics
Encapsulating Resin
:
Silicone Resin
Electrodes
:
Au Plating
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com