Electronic Components Datasheet Search
  English  ▼

X  

NESW007T Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NESW007T
Description  TYPE WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESW007T Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NESW007T Datasheet HTML 1Page - NICHIA CORPORATION NESW007T Datasheet HTML 2Page - NICHIA CORPORATION NESW007T Datasheet HTML 3Page - NICHIA CORPORATION NESW007T Datasheet HTML 4Page - NICHIA CORPORATION NESW007T Datasheet HTML 5Page - NICHIA CORPORATION NESW007T Datasheet HTML 6Page - NICHIA CORPORATION NESW007T Datasheet HTML 7Page - NICHIA CORPORATION NESW007T Datasheet HTML 8Page - NICHIA CORPORATION NESW007T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
-3-
Nichia STSE-CC4006A
<Cat.No.040409>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C, 10sec.
(Pre treatment 30°C,70%,168hrs.)
2 times
0/22
Solderability
(Reflow Soldering)
JEITA ED-4701
300 303
Tsld=215 ± 5°C,
3sec.
(using flux, Lead Solder)
1 time
over 95%
0/22
Thermal Shock
JEITA ED-4701
300 307
-40°C
~
100°C
1min. (10sec.) 1min.
(Pre treatment 30°C,70%,168hrs.)
100 cycles
0/100
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/100
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH 24hrs./1cycle
10 cycles
0/100
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
1000 hrs.
0/100
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C, RH=90%
1000 hrs.
0/100
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
1000 hrs.
0/100
Steady State Operating Life
!!
Ta=25°C, IF=15mA
1000 hrs.
0/100
Steady State Operating Life
of High Temperature !!
Ta=85°C, IF=4.2mA
1000 hrs.
0/100
Steady State Operating Life
of High Humidity Heat !!
60°C, RH=90%, IF=4.2mA
1000 hrs.
0/100
Steady State Operating Life
of Low Temperature !!
Ta=-40°C, IF=10mA
1000 hrs.
0/100
Permanence of Marking
JEITA ED-4701
500 501
Solvent : Isopropyl Alcohol
Solvent Temperature : 20 ~ 25°C
Dipping Time : 5 min.
1 time
0/22
Vibration
JEITA ED-4701
400 403
200m/s2, 100 ~ 2000Hz (Sweep 4min.)
48min., 3directions
4 times
0/10
Drop
75cm
3 times
0/10
(2) CRITERIA FOR JUDGING THE DAMAGE
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=10mA
-
U.S.L.*)# 1.1
Reverse Current
IR
VR=5V
-
U.S.L.*)# 2.0
Luminous Intensity
Condition 1
IV
IF=10mA
L.S.L.**)# 0.7
-
Luminous Intensity
Condition 2 !!
IV
IF=10mA
L.S.L.**)# 0.5
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level
!!
These test items are judged by the criteria of Luminous Intensity Condition 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com