Electronic Components Datasheet Search
  English  ▼

X  

NFSA072T Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NFSA072T
Description  AMBER LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSA072T Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NFSA072T Datasheet HTML 6Page - NICHIA CORPORATION NFSA072T Datasheet HTML 7Page - NICHIA CORPORATION NFSA072T Datasheet HTML 8Page - NICHIA CORPORATION NFSA072T Datasheet HTML 9Page - NICHIA CORPORATION NFSA072T Datasheet HTML 10Page - NICHIA CORPORATION NFSA072T Datasheet HTML 11Page - NICHIA CORPORATION NFSA072T Datasheet HTML 12Page - NICHIA CORPORATION NFSA072T Datasheet HTML 13Page - NICHIA CORPORATION NFSA072T Datasheet HTML 14Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
0°C
25°C
50°C
-40°C
100°C
1.0
0.5
0
1.2
1.0
0.8
0.4
0.2
0
0.6
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IFP=150mA
x
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
0°
30°
0.5
90°
60°
1.0
400
800
700
500
600
0.43
0.42
0.40
0.41
0.55
0.56
0.57
0.58
0.43
0.42
0.40
0.41
0.55
0.56
0.57
0.58
Ta=25°C
IFP=150mA
Ta=25°C
IFP=150mA
350mA
20mA
150mA
Model
NFSA072
NICHIA CORPORATION Title
No.
070402763271
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com