Electronic Components Datasheet Search
  English  ▼

X  

HTF3130 Datasheet(PDF) 1 Page - Humirel

Part # HTF3130
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3130 Datasheet(HTML) 1 Page - Humirel

  HTF3130 Datasheet HTML 1Page - Humirel HTF3130 Datasheet HTML 2Page - Humirel HTF3130 Datasheet HTML 3Page - Humirel HTF3130 Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL
DATA
1
TEMPERATURE AND HUMIDITY MODULE
HTF 3130
Characteristics
Symbol
Min.
Typ.
Max.
Unit.
Humidity metrology range
RH
10
95
% RH
Relative Humidity accuracy (10 to 95 % RH)
RH
+/- 3
+/- 5
% RH
Voltage supply
Vs
4
5.00
16
VdC
Nominal output @ RH = 55 % and 5.00VDC
Fout
6560
6600
6640
Hz
Current consumption
Ic
0.1
mA
Voltage supply influence (4 to 7 VDC)
RH
+/-1
% RH
Averaged Sensitivity from 33 % to 75 % RH
∆Fout /∆ RH
-10
- 11
-12
Hz/% RH
Sink current capability
Is
100
µA
Recovery time after 150 hours of condensation
t
10
s
Humidity Hysteresis
+/-1.5
% RH
Long term stability
0.5
% RH/yr
Time constant (33 to 76% RH, static, @63 %)
τ
10
s
Humirel Sensor Device Data / HPC050VB Dec 2005
Based on the rugged HTS2030SMD humidity sensor,
HTF3130 is a dedicated humidity and
temperature transducer designed for OEM applications where a reliable and accurate measurement is
needed. It features a very small size for easy, cost-effective mechanical mounting. Direct interface
with a micro-controller is made possible with the module’s linear frequency output.
MAIN FEATURES
HUMIDITY SENSOR SPECIFIC FEATURES
G
G
G
G
G
G
G
G
G
G
G
G
G
G
One of the smallest humidity / temperature modules on the market.
Stable,proportional frequency output from 0 to 99% RH.
Calibrated within +/- 3% RH @ 55% RH at 5.00 VDC.
High quality thermistor
Stable characteristics with temperature.
High reliability and long term stability.
Instantaneous de-saturation after long periods in saturation phase.
Fast response time.
High resistance to chemicals.
Not affected by water immersion.
Patented solid polymer structure.
MAXIMUM RATINGS
CHARACTERISTICS
Ratings
Symbol
Value
Unit
Storage Temperature
Tstg
-40 to 105
°C
Storage Humidity Range
RHstg
0 to 100
% RH
Supply Voltage (Peak)
Vs
16
Vdc
Humidity Operating Range
RH
0 to 99
% RH
Temperature Operating Range Ta
-40 to 85
°C
TEMPERATURE SENSOR SPECIFIC FEATURES
10 K +/- 3% NTC temperature sensor
Stable
High sensitivity
Humidity sensor (Ta = 25°C, Vs = 5.00Vdc , R
L > 100 KΩ unless otherwise stated)


Similar Part No. - HTF3130

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3000 HUMIREL-HTF3000 Datasheet
570Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTF3000LF HUMIREL-HTF3000LF Datasheet
347Kb / 5P
TEMPERATURE AND HUMIDITY MODULE
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTF3226LF HUMIREL-HTF3226LF Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
More results

Similar Description - HTF3130

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000LF HUMIREL-HTF3000LF Datasheet
347Kb / 5P
TEMPERATURE AND HUMIDITY MODULE
HTF3226LF HUMIREL-HTF3226LF Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000 HUMIREL-HTF3000 Datasheet
570Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
List of Unclassifed Man...
TH01 ETC2-TH01 Datasheet
232Kb / 7P
Temperature and Humidity Module
logo
Zhengzhou Winsen Electr...
ZS05 WINSEN-ZS05 Datasheet
475Kb / 8P
Temperature and Humidity Module
logo
Innovative Sensor Techn...
HYT939 IST-HYT939 Datasheet
570Kb / 3P
Digital Humidity and Temperature Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com