Electronic Components Datasheet Search
  English  ▼

X  

NGPAR70ASS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NGPAR70ASS
Description  AMBER LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NGPAR70ASS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NGPAR70ASS Datasheet HTML 1Page - NICHIA CORPORATION NGPAR70ASS Datasheet HTML 2Page - NICHIA CORPORATION NGPAR70ASS Datasheet HTML 3Page - NICHIA CORPORATION NGPAR70ASS Datasheet HTML 4Page - NICHIA CORPORATION NGPAR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NGPAR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NGPAR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NGPAR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NGPAR70ASS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CA7113A
<Cat.No.070626>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
120
mA
Pulse Forward Current
IFP
250
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
432
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
110
°C
Soldering Temperature
Tsld
265°C
for 5sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=100[mA]
(3.3)
3.6
V
Luminous Flux
φV
IF=100[mA]
(8)
-
lm
x
-
IF=100mA]
0.575
-
-
Chromaticity Coordinate
y
-
IF=100[mA]
0.425
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank P4
9.0
10.7
Rank P3
7.6
9.0
Rank P2
6.4
7.6
Luminous Flux
Rank P1
φV
IF=100[mA]
5.4
6.4
lm
Luminous Flux Measurement allowance is ± 10%.
Color Rank
(IF=100mA,Ta=25°C)
Rank L
x
0.603
0.532
0.522
0.589
y
0.397
0.467
0.460
0.393
Color Coordinates Measurement allowance is ± 0.01.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin (over Diffused + Phosphor)
Leadframe
:
Ag plating
Copper Alloy
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com