Electronic Components Datasheet Search
  English  ▼

X  

STD12NE06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD12NE06L
Description  N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NE06L Datasheet(HTML) 1 Page - STMicroelectronics

  STD12NE06L Datasheet HTML 1Page - STMicroelectronics STD12NE06L Datasheet HTML 2Page - STMicroelectronics STD12NE06L Datasheet HTML 3Page - STMicroelectronics STD12NE06L Datasheet HTML 4Page - STMicroelectronics STD12NE06L Datasheet HTML 5Page - STMicroelectronics STD12NE06L Datasheet HTML 6Page - STMicroelectronics STD12NE06L Datasheet HTML 7Page - STMicroelectronics STD12NE06L Datasheet HTML 8Page - STMicroelectronics STD12NE06L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STD12NE06L
N - CHANNEL 60V - 0.09
Ω - 12A TO-251/TO-252
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.09
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
AVALANCHE RUGGED TECHNOLOGY
s
100 % AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL (DISK DRIVES,etc.)
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
®
INTERNAL SCHEMATIC DIAGRAM
January 2000
TYPE
VDSS
RDS(on)
ID
STD12NE06L
60 V
< 0.12
Ω
12 A
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Volt age (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)60
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC12
A
ID
Drain Current (continuous) at Tc =100
oC8
A
IDM(
•)
Drain Current (pulsed)
48
A
Ptot
Tot al Dissipation at Tc =25
oC35
W
Derating F act or
0.23
W /
oC
dv/ dt(1 )
Peak Diode Recovery voltage slope
6
V/ns
Tstg
Storage T emperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 12 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
1/9


Similar Part No. - STD12NE06L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD12NE06L-1 VBSEMI-STD12NE06L-1 Datasheet
963Kb / 7P
N-Channel 60 V (D-S) MOSFET
STD12NE06LT4 VBSEMI-STD12NE06LT4 Datasheet
1,006Kb / 8P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD12NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
Jul-1999
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Jul-1998
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
Feb-1999
STD25NE03L STMICROELECTRONICS-STD25NE03L Datasheet
91Kb / 9P
N - CHANNEL 30V - 0.019 ohm - 25A - TO-251/TO-252 STripFET POWER MOSFET
Mar-1999
STD5NE10 STMICROELECTRONICS-STD5NE10 Datasheet
43Kb / 3P
N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
May-1999
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
May-2000
logo
Xian Semipower Electron...
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com