Electronic Components Datasheet Search
  English  ▼

X  

HTG3533CFB Datasheet(PDF) 3 Page - Humirel

Part # HTG3533CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3533CFB Datasheet(HTML) 3 Page - Humirel

  HTG3533CFB Datasheet HTML 1Page - Humirel HTG3533CFB Datasheet HTML 2Page - Humirel HTG3533CFB Datasheet HTML 3Page - Humirel HTG3533CFB Datasheet HTML 4Page - Humirel HTG3533CFB Datasheet HTML 5Page - Humirel HTG3533CFB Datasheet HTML 6Page - Humirel HTG3533CFB Datasheet HTML 7Page - Humirel HTG3533CFB Datasheet HTML 8Page - Humirel HTG3533CFB Datasheet HTML 9Page - Humirel Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
3
Nomenclature
HTG3XYZ yyy
• SPECIFIC ELECTRICAL AND METROLOGICAL CHARACTERISTICS
Electrical Characteristics
HTG34Y3
Voltage Supply (1) (2)
Vcc
3.0
3.3
3.46
Vdc
Nominal Output @55%RH (in continuous mode and pulsed mode)
Fout
-
4960
-
Hz
Humidity Average Sensitivity (in continuous mode and pulsed mode)
Hz/%RH
-
+36
-
Hz
Output Noise
n
-
-
+/- 20
Hz
Output High Level
VOH
Vcc – 0.15
Vcc – 0.10
Vcc
V
Output Low Level
VOL
0.0
0.0
0.1
V
Sink Current Capability (VOL – 0.1V)
Isink
-
-
500
µA
Source Current Capability (VOH + 0.1V)
Isource
-
-
250
µA
Current consumption (in continuous and pulsed mode)
Icc
1.5
2
mA
Measurement Window Time
-
250
-
-
ms
(1) Module is ratiometric to voltage supply
(2) Maximum power supply ramp up time to VCC should be less than 20ms
HTG34Y5
Voltage Supply (1) (2)
Vcc
4.75
5
5.25
Vdc
Nominal Output @55%RH (in pulsed mode)
Fout
-
5075
-
Hz
Nominal Output @55%RH (in continuous mode)
Fout
-
4960
-
Hz
Humidity Average Sensitivity (in pulsed mode)
Hz/%RH
-
+43
-
Hz
Humidity Average Sensitivity (in continuous mode)
Hz/%RH
-
+41
-
Hz
Output Noise
n
-
-
+/- 20
Hz
Output High Level
VOH
Vcc – 0.5
Vcc – 0.4
Vcc
V
Output Low Level
VOL
0.0
0.0
0.1
V
Sink Current Capability (VOL – 0.1V)
Isink
-
-
500
µA
Source Current Capability (VOH + 0.1V)
Isource
-
-
350
µA
Current consumption (in continuous and pulsed mode)
Icc
2.8
5
mA
Measurement Window Time
-
250
-
-
ms
(1) Module is ratiometric to voltage supply
(2) Maximum power supply ramp up time to VCC should be less than 20ms
Mechanical Package: 1 for Housing 1 with screw/fastener mount capability
3 for Housing 3 with PTFE membrane
Output Type: 4 for Frequency
5 for Voltage
Connector Type
Voltage Supply: 3 for 3.3 Volts
5 for 5 Volts



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com