Electronic Components Datasheet Search
  English  ▼

X  

HTG3535CFB Datasheet(PDF) 5 Page - Humirel

Part # HTG3535CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3535CFB Datasheet(HTML) 5 Page - Humirel

  HTG3535CFB Datasheet HTML 1Page - Humirel HTG3535CFB Datasheet HTML 2Page - Humirel HTG3535CFB Datasheet HTML 3Page - Humirel HTG3535CFB Datasheet HTML 4Page - Humirel HTG3535CFB Datasheet HTML 5Page - Humirel HTG3535CFB Datasheet HTML 6Page - Humirel HTG3535CFB Datasheet HTML 7Page - Humirel HTG3535CFB Datasheet HTML 8Page - Humirel HTG3535CFB Datasheet HTML 9Page - Humirel Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
5
Temperature Sensor
Typical temperature output
Depending on the needed temperature measurement range and associated accuracy, we suggest two methods to access
to the NTC resistance values.
)
1
1
(
N
T
T
N
T
e
R
R
−
∗
=
β
RT
NTC resistance in
at temperature T in K
RN
NTC resistance in
at rated temperature T in K
T, TN
Temperature in K
Beta value, material specific constant of NTC
e
Base of natural logarithm (e=2.71828)
The exponential relation only roughly describes the actual characteristic of an NTC thermistor can, however, as
the material parameter in reality also depend on temperature. So this approach is suitable for describing a restricted
range around the rated temperature or resistance with sufficient accuracy.
For practical applications, a more precise description of the real R/T curve may be required. Either more
complicated approaches (e.g. the Steinhart-Hart equation) are used or the resistance/temperature relation as given in
tabulation form. The below table has been experimentally determined with utmost accuracy for temperature increments
of 1 degree.
Actual values may also be influenced by inherent self-heating properties of NTCs. Please refer to Humirel Application
Note HPC106-0 “Low power NTC measurement”.
Temperature Look-Up Table in pulsed mode or for a 3.3 continuous voltage supply
0.1°C tolerance on Resistance Measurement
%) '
%* '
%) '
%* '
%) '
%* '
%) '
%* '
-40
195652
0
27219
40
5834
80
1669
-39
184917
1
26076
41
5636
81
1622
-38
174845
2
24988
42
5445
82
1578
-37
165391
3
23951
43
5262
83
1535
-36
156513
4
22963
44
5086
84
1493
-35
148171
5
22021
45
4917
85
1452
-34
140330
6
21123
46
4754
86
1413
-33
132958
7
20267
47
4597
87
1375
-32
126022
8
19450
48
4446
88
1338
-31
119494
9
18670
49
4301
89
1303
-30
113347
10
17926
50
4161
90
1268
-29
107565
11
17214
51
4026
91
1234
-28
102116
12
16534
52
3896
92
1202
-27
96978
13
15886
53
3771
93
1170
-26
92132
14
15266
54
3651
94
1139
-25
87559
15
14674
55
3535
95
1110
-24
83242
16
14108
56
3423
96
1081
-23
79166
17
13566
57
3315
97
1053
-22
75316
18
13049
58
3211
98
1026
-21
71677
19
12554
59
3111
99
999
-20
68237
20
12081
60
3014
100
974
-19
64991
21
11628
61
2922
101
949
-18
61919
22
11195
62
2834
102
925
-17
59011
23
10780
63
2748
103
902
-16
56258
24
10382
64
2666
104
880
-15
53650
25
10000
65
2586
105
858
-14
51178
26
9634
66
2509
106
837
-13
48835
27
9284
67
2435
107
816
-12
46613
28
8947
68
2364
108
796
-11
44506
29
8624
69
2294
109
777
-10
42506
30
8315
70
2228
110
758
-9
40600
31
8018
71
2163
-8
38791
32
7734
72
2100
-7
37073
33
7461
73
2040
-6
35442
34
7199
74
1981
-5
33892
35
6948
75
1925
-4
32420
36
6707
76
1870
-3
31020
37
6475
77
1817
-2
29689
38
6253
78
1766
-1
28423
39
6039
79
1716
Delta Temperature corresponding to NTC deviation (°C)
0,0
0,5
1,0
1,5
2,0
2,5
-40
-20
0
20
40
60
80
100
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com