Electronic Components Datasheet Search
  English  ▼

X  

HTG3535CFB Datasheet(PDF) 10 Page - Humirel

Part # HTG3535CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3535CFB Datasheet(HTML) 10 Page - Humirel

Back Button HTG3535CFB Datasheet HTML 2Page - Humirel HTG3535CFB Datasheet HTML 3Page - Humirel HTG3535CFB Datasheet HTML 4Page - Humirel HTG3535CFB Datasheet HTML 5Page - Humirel HTG3535CFB Datasheet HTML 6Page - Humirel HTG3535CFB Datasheet HTML 7Page - Humirel HTG3535CFB Datasheet HTML 8Page - Humirel HTG3535CFB Datasheet HTML 9Page - Humirel HTG3535CFB Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3500 Series Datasheet / HPC123 Rev B November 2007
10
• ORDERING INFORMATION
HTG3XYZ yyy
4
5
1
3
3
5
Frequency
Voltage
(with screw/fatsener capability)
(with PTFE membrane)
3,3V
5V
/
0
PVBL
CFB
!
CH
PVBS
'
4
2
0
Issue Originale
D. LE GALL
August 07
A
Paragraph concerning wiring characterisctics added
D. LE GALL
September 07
B
CTN LUT updated
D. LE GALL
November 07
•
DISCLAIMER
The information in this sheet has been carefully reviewed and is believed to be accurate; however, no responsability is assumed for inaccuracies. Furthermore, this information does
not convey to the purchaser of semiconductor devices any license under the patent rights to the manufacturer. Humirel reserves the right to make changes without further notice to
any product herein. Humirel makes no warranty, representation of guarantee regarding the suitability of its product for any particular purpose, nor does Humirel assume any liability
arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation consequential or incidental damages. « Typical »
parameters can and do vary in different applications. All operating parameters, including « Typical » must be validated for each customer applications by customer’s technical
experts. Humirel does not convey any license under its patent rights nor the rights of others. Humirel products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other application intended to support or substain life, or for any application in which the failure of the Humirel product could
create a situation where personal injury or death may occur. Should buyer purchase or use Humirel products for any such unintended or unauthorized application. Buyer shall
indemnify and hold Humirel and its officers, employees, subsidiaries, affiliates and distributors harmless against all claims, costs, damages and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if claim alleges that Humirel was negligent
regarding the design or manufacture of the part. Humirel is a registered trade mark of Humirel.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com