Electronic Components Datasheet Search
  English  ▼

X  

NNSW108T Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NNSW108T
Description  TYPE WHITE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NNSW108T Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NNSW108T Datasheet HTML 1Page - NICHIA CORPORATION NNSW108T Datasheet HTML 2Page - NICHIA CORPORATION NNSW108T Datasheet HTML 3Page - NICHIA CORPORATION NNSW108T Datasheet HTML 4Page - NICHIA CORPORATION NNSW108T Datasheet HTML 5Page - NICHIA CORPORATION NNSW108T Datasheet HTML 6Page - NICHIA CORPORATION NNSW108T Datasheet HTML 7Page - NICHIA CORPORATION NNSW108T Datasheet HTML 8Page - NICHIA CORPORATION NNSW108T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
-4-
Nichia
STSE-CC7046C
<Cat.No.070702>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C,
10sec.
(Pre treatment 30°C,70%,168hrs.)
2 times
0/50
Solderability
(Reflow Soldering)
JEITA ED-4701
300 303
Tsld=215 ± 5°C,
3sec.
(Lead Solder)
1 time
over 95%
0/50
Thermal Shock
JEITA ED-4701
300 307
0°C ~ 100°C
15sec.
15sec.
20 cycles
0/50
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/50
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH
24hrs./1cycle
10 cycles
0/50
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
1000 hrs.
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C,
RH=90%
1000 hrs.
0/50
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
1000 hrs.
0/50
Steady State Operating Life
Condition 1
Ta=25°C, IF=20mA
1000 hrs.
0/50
Steady State Operating Life
Condition 2
Ta=25°C, IF=35mA
500 hrs.
0/50
Steady State Operating Life
of High Temperature
Ta=85°C, IF=8.5mA
1000 hrs.
0/50
Steady State Operating Life
of High Humidity Heat
60°C, RH=90%, IF=15mA
500 hrs.
0/50
Steady State Operating Life
of Low Temperature
Ta=-30°C, IF=20mA
1000 hrs.
0/50
Vibration
JEITA ED-4701
400 403
100 ~ 2000 ~ 100Hz Sweep 4min.
200m/s
2
3directions, 4cycles
48min.
0/50
Substrate Bending
JEITA ED-4702
3mm,
5 ± 1 sec.
1 time
0/50
Adhesion Strength
JEITA ED-4702
5N,
10 ± 1 sec.
1 time
0/50
(2) CRITERIA FOR JUDGING DAMAGE
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L.*)
1.1
Reverse Current
IR
VR=5V
-
U.S.L.*)
2.0
Luminous Intensity
IV
IF=20mA
L.S.L.**)
0.7
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com