Electronic Components Datasheet Search
  English  ▼

X  

NSCB505CT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSCB505CT
Description  TYPE BLUE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSCB505CT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSCB505CT Datasheet HTML 1Page - NICHIA CORPORATION NSCB505CT Datasheet HTML 2Page - NICHIA CORPORATION NSCB505CT Datasheet HTML 3Page - NICHIA CORPORATION NSCB505CT Datasheet HTML 4Page - NICHIA CORPORATION NSCB505CT Datasheet HTML 5Page - NICHIA CORPORATION NSCB505CT Datasheet HTML 6Page - NICHIA CORPORATION NSCB505CT Datasheet HTML 7Page - NICHIA CORPORATION NSCB505CT Datasheet HTML 8Page - NICHIA CORPORATION NSCB505CT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CC3066A
<Cat.No.031031>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-40 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
3.6
4.0
V
Rank U
Iv
IF=20[mA]
213
252
300
mcd
Rank T
Iv
IF=20[mA]
150
178
213
mcd
Luminous Intensity
Rank S
Iv
IF=20[mA]
104
126
150
mcd
! Luminous Intensity Measurement allowance is ± 10%.
Color Rank
(IF=20mA,Ta=25°C)
Rank W
x
0.11
0.11
0.15
0.15
y
0.04
0.10
0.10
0.04
! Color Coordinates Measurement allowance is ± 0.01.
! One delivery will include up to one color rank and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.TYPICAL
INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Package
:
Heat-Resistant Polymer
Encapsulating Resin
:
Epoxy Resin (with Diffused)
Electrodes
:
Ag Plating
Copper Alloy
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com