Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPW
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 9Page - Texas Instruments ADS1282IPW Datasheet HTML 10Page - Texas Instruments ADS1282IPW Datasheet HTML 11Page - Texas Instruments ADS1282IPW Datasheet HTML 12Page - Texas Instruments ADS1282IPW Datasheet HTML 13Page - Texas Instruments ADS1282IPW Datasheet HTML 14Page - Texas Instruments ADS1282IPW Datasheet HTML 15Page - Texas Instruments ADS1282IPW Datasheet HTML 16Page - Texas Instruments ADS1282IPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
INPUT-REFERRED NOISE
SNR=20log
FSR
RMS
N
RMS
(1)
IDLE TONES
NOISE PERFORMANCE
OPERATING MODE
ADS1282
www.ti.com ................................................................................................................................................. SBAS418D – SEPTEMBER 2007 – REVISED JULY 2008
The device features unipolar and bipolar analog
power supplies (AVDD and AVSS, respectively) for
The input-referred noise is related to SNR by
input range flexibility and a digital supply accepting
Equation 1:
1.8V to 3.3V. The analog supplies may be set to +5V
to accept unipolar signals (with input offset) or set
lower in the range of ±2.5V to accept true bipolar
input signals (ground referenced).
where:
An internal sub-regulator is used to supply the digital
core from DVDD. The BYPAS pin (pin 28) is the
FSRRMS = Full-scale range RMS = VREF/2 × √2 ×
sub-regulator output and requires a 1
µF capacitor for
PGA
noise reduction. BYPAS should not be used to drive
NRMS = Noise RMS (input-referred)
external circuitry.
The ADS1282 modulator incorporates an internal
The ADS1282 offers outstanding noise performance
dither signal that randomizes the idle tone energy.
(SNR). SNR depends on the data rate, the PGA
Low-level idle tones may still be present, typically
setting, and the mode (high-resolution or low-power).
–137dB below full-scale. The low-level idle tones can
As the bandwidth is reduced by decreasing the data
be shifted out of the passband with an external offset
rate, the SNR improves correspondingly. Similarly, as
= 20mV/PGA. See the Application Information section
the PGA gain is increased, the SNR decreases. In
for the recommended offset circuit.
low-power mode, the SNR decreases 3dB for each
setting. Table 1 summarizes the noise performance
versus data rate, PGA setting, and mode.
For applications where minimal power consumption is
important, the low-power mode can be selected
(register bit MODE = 0). In low-power mode, the
power is reduced to 17mW (from 25mW) and SNR
decreases an average of 3dB. The default mode is
high-resolution.
Table 1. Signal-to-Noise Ratio (dB)(1)
PGA (High-Resolution Mode)
PGA (Low-Power Mode)
DATA RATE
(SPS)
1
2
4
8
16
32
64
1
2
4
8
16
32
64
250
130
130
129
128
125
119
114
127
127
126
125
122
116
111
500
127
127
126
125
122
116
111
124
124
123
122
119
113
108
1000
124
124
123
122
119
113
108
121
121
120
119
116
110
105
2000
121
121
120
119
116
111
106
118
118
117
116
113
108
103
4000
118
118
117
116
113
108
103
115
115
114
113
110
105
100
(1)
VIN = 20mVDC/PGA.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com