Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 17Page - Texas Instruments ADS1282IPWR Datasheet HTML 18Page - Texas Instruments ADS1282IPWR Datasheet HTML 19Page - Texas Instruments ADS1282IPWR Datasheet HTML 20Page - Texas Instruments ADS1282IPWR Datasheet HTML 21Page - Texas Instruments ADS1282IPWR Datasheet HTML 22Page - Texas Instruments ADS1282IPWR Datasheet HTML 23Page - Texas Instruments ADS1282IPWR Datasheet HTML 24Page - Texas Instruments ADS1282IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
GROUP DELAY AND STEP RESPONSE
Linear Phase Response
0
0.08
NormalizedInputFrequency(f /f
)
IN DATA
0.003
0.002
0.001
0
-
1
0.00
-
2
0.00
-
3
0.00
0.16
0.24
0.32
0.40
0
5
10
TimeIndex(1/f
)
DATA
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-0.2
15 20 25 30 35 40 45 50 55
60
65
LinearPhaseFilter
MinimumPhaseFilter
0.35
0.40
0.45
NormalizedInputFrequency(f /f
)
IN DATA
0
-20
-40
-60
-80
-100
-140
0.65
-120
0.50
0.55
0.60
ADS1282
www.ti.com ................................................................................................................................................. SBAS418D – SEPTEMBER 2007 – REVISED JULY 2008
As shown in Figure 46, the FIR frequency response
provides a flat passband to 0.375 of the data rate
The FIR block is implemented as a multi-stage FIR
(±0.003dB passband ripple). Figure 47 shows the
structure with selectable linear or minimum phase
transition from passband to stop band.
response. The passband, transition band, and stop
band responses of the filters are nearly identical but
differ in the respective phase responses.
Linear phase filters exhibit constant delay time versus
input frequency (that is, constant group delay). Linear
phase filters have the property that the time delay
from any instant of the input signal to the same
instant of the output data is constant and is
independent of the signal nature. This filter behavior
results in essentially zero phase error when analyzing
multi-tone signals. However, the group delay and
settling time of the linear phase filter are somewhat
larger than the minimum phase filter, as shown in
Figure 48.
Figure 46. FIR Passband Magnitude Response
(fDATA = 500Hz)
Figure 48. FIR Step Response
Figure 47. FIR Transition Band Magnitude
Response
Although not shown in Figure 47, the passband
response repeats at multiples of the modulator
frequency (NfMOD – f0 and NfMOD + f0, where N = 1, 2,
etc. and f0 = passband). These image frequencies, if
present in the signal and not externally filtered, fold
back (or alias) into the passband and cause errors. A
low-pass signal filter reduces the effect of aliasing.
Often, the RC low-pass filter provided by the PGA
output resistors and the external capacitor connected
to
CAPP
and
CAPN
provides
sufficient
signal
attenuation.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com